Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS02A12-32SW Datasheet(PDF) 5 Page - ITT Industries

Part # MS02A12-32SW
Description  KPSE High performance crimp contact connectors
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

MS02A12-32SW Datasheet(HTML) 5 Page - ITT Industries

  MS02A12-32SW Datasheet HTML 1Page - ITT Industries MS02A12-32SW Datasheet HTML 2Page - ITT Industries MS02A12-32SW Datasheet HTML 3Page - ITT Industries MS02A12-32SW Datasheet HTML 4Page - ITT Industries MS02A12-32SW Datasheet HTML 5Page - ITT Industries MS02A12-32SW Datasheet HTML 6Page - ITT Industries MS02A12-32SW Datasheet HTML 7Page - ITT Industries MS02A12-32SW Datasheet HTML 8Page - ITT Industries MS02A12-32SW Datasheet HTML 9Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
A-42
www.ittcannon.com
Dimensions shown in inches (mm)
Specifications and dimensions subject to change
A
† Not available in KPSE
LA, LBF, LE, L J and LP are connector overall lengths
Alternate Insert Positions
Face view of pin inserts
The five positions (W,X,Y,Z and Normal) differ
in degree or rotation for various sizes and
arrangements
No. of
Shell
Arr.
Degrees of Rotation
Contacts
Size
No.
W
X
Y
Z
2
8
8-2
58
122
-
-
3
8
8-3
60
210
.-
-
3
8
8-3A*
60
-
-
-
3
88-33
90
-
-
-
3
12
12-3
-
-
180
-
4
8
8-4
45
-
-
-
5
14
14-5
40
92
184
273
5
14
14-22
**
**
**
**
5
20
20A-6*
90
180
270
-
6
10
10-6
90
-
-
-
6
10
10-98
90
180
240
270
7
10
10-7*
**
**
**
**
8
12
12-8
90
112
203
292
8
16
16-8
54
152
180
331
10
12
12-10
60
155
270
295
11
18
18-11
62
119
241
340
12
14
14-12
43
90
-
-
14
12
12-14*
**
**
**
**
15
14
14-15
17
110
155
234
16
20
20-16
238
318
333
347
18
14
14-18
15
90
180
270
19
14
14-19
30
165
315
-
21
22
22-21
16
135
175
349
23
16
16-23
158
270
-
-
23
16
16-99
66
156
223
340
24
20
20-24
70
145
215
290
26
16
16-26
60
-
275
338
28
18
18A26*
-
-
-
-
30
18
18-30
180
193
285
350
32
18
18-32
85
138
222
265
32
22
22-32
72
145
215
288
34
22
22-34
62
142
218
298
36
22
22-36*
72
144
216
288
39
20
20-39
63
144
252
333
41
20
20-41
45
126
225
-
41
22
22-41
39
135
264
-
55
22
22-55
30
142
226
314
57
24
24A57*
90
180
270
324
61
24
24-61
90
180
270
* Contact arrangements not MIL-C-26482 qualified
N
W*
X*
Y*
Z*
Cannon KPT/KPSE
MIL-C-26482 Series I Connectors
ca_A1-A163.qxd:Layout 1
2/9/11
7:49 PM
Page 42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com