Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS00A14-32SW Datasheet(PDF) 21 Page - ITT Industries

Part # MS00A14-32SW
Description  KPSE High performance crimp contact connectors
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

MS00A14-32SW Datasheet(HTML) 21 Page - ITT Industries

Back Button MS00A14-32SW Datasheet HTML 17Page - ITT Industries MS00A14-32SW Datasheet HTML 18Page - ITT Industries MS00A14-32SW Datasheet HTML 19Page - ITT Industries MS00A14-32SW Datasheet HTML 20Page - ITT Industries MS00A14-32SW Datasheet HTML 21Page - ITT Industries MS00A14-32SW Datasheet HTML 22Page - ITT Industries MS00A14-32SW Datasheet HTML 23Page - ITT Industries MS00A14-32SW Datasheet HTML 24Page - ITT Industries MS00A14-32SW Datasheet HTML 25Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
A-58
www.ittcannon.com
Dimensions shown in inches (mm)
Specifications and dimensions subject to change
A
Cannon KPT/KPSE
MIL-C-26482 Series I Connectors
M22520/1-01 CRINP TOOL
M22520/01-02 Turret
CBT-520/530
KPSE Insertion
#20
KPSE Extraction
Contact Size
20
MS24256A20
16
MS24256A16
Contact
Military
Color Bands
ITT Cannon
Size/Type
Part Number
1st
2nd
3rd
Part Number
20 Socket
M39029/32-259
Red
Green
White
980-0008-992
20 Pin
M39029/31-240
Red
Yellow
Black
030-9036-000
16 Socket
M39029/32-247
Red
Yellow
Violet
031-9095-003
16 Pin
M39029/31-228
Red
Red
Grey
030-9032-003
Contact
Part Number
Color
Size
Cannon
Military
Code
20
225-1012-000
MS3187A20
Red
16
225-1011-000
MS3187-16
Blue
Contact Size
20
MS24256R20
16
MS24256R16
Tooling Crimp
Tooling Insertion/Extraction
Contacts
Wire Hole Fillers/Grommets Sealing Plugs
ca_A1-A163.qxd:Layout 1
2/9/11
7:49 PM
Page 58



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com