Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AND8099/D Datasheet(PDF) 6 Page - ON Semiconductor

Part # AND8099/D
Description  5.0 V, 2.0 A Flyback Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AND8099/D Datasheet(HTML) 6 Page - ON Semiconductor

  AND8099/D Datasheet HTML 1Page - ON Semiconductor AND8099/D Datasheet HTML 2Page - ON Semiconductor AND8099/D Datasheet HTML 3Page - ON Semiconductor AND8099/D Datasheet HTML 4Page - ON Semiconductor AND8099/D Datasheet HTML 5Page - ON Semiconductor AND8099/D Datasheet HTML 6Page - ON Semiconductor AND8099/D Datasheet HTML 7Page - ON Semiconductor AND8099/D Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
AND8099/D
http://onsemi.com
6
Table 2. Converter Test Data and Results
Test
Conditions
Data
Results
Line Regulation
Vin = 85 VAC; Iout = 2.0 A
Vin = 265 VAC; Iout = 2.0 A
Vout = 4.971 V
Vout = 4.982 V
D 11 mV
Load Regulation
Vin = 85 VAC;
Iout = 0
= 0.200 A
= 1.0 A
= 2.0 A
Vin = 110 VAC;
Iout = 0
= 0.200 A
= 1.0 A
= 2.0 A
Vin = 230 VAC;
Iout = 0
= 0.200 A
= 1.0 A
= 2.0 A
Vin = 265 VAC;
Iout = 0
= 0.200 A
= 1.0 A
= 2.0 A
Vout = 4.994 V
= 4.991 V
= 4.985 V
= 4.971 V
Vout = 4.993 V
= 4.991 V
= 4.986 V
= 4.976 V
Vout = 4.993 V
= 4.991V
= 4.987V
= 4.981V
Vout = 4.994 V
= 4.991 V
= 4.987 V
= 4.982 V
D 23 mV
D 17 mV
D 12 mV
D 12 mV
Efficiency
Vin = 85 VAC
= 110 VAC
= 230 VAC
= 265 VAC
Vout = 4.971 V; Iout = 2.0 A;
Pout = 9.942, Pin = 13.64 W
Vout = 4.976 V; Iout = 2.0 A;
Pout = 9.952, Pin = 13.41 W
Vout = 4.981 V; Iout = 2.0 A;
Pout = 9.942, Pin = 13.47 W
Vout = 4.982 V; Iout = 2.0 A;
Pout = 9.964, Pin = 13.67 W
72.8 %
74.2 %
73.8 %
72.8 %
Output Ripple
Voltage
Vin = 85 VAC; Iout = 2.0 A
Vin = 265 VAC; Iout = 2.0 A
100 mVp-p
230 mVp-p



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com