Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSB546 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # CSB546
Description  PNP PLASTIC POWER TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CSB546 Datasheet(HTML) 1 Page - Continental Device India Limited

  CSB546 Datasheet HTML 1Page - Continental Device India Limited CSB546 Datasheet HTML 2Page - Continental Device India Limited CSB546 Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Continental Device India Limited
Data Sheet
Page 1 of 3
CSB546
PNP PLASTIC POWER TRANSISTOR
Complementary CSD401
TV Vertical Deflection Output
ABSOLUTE MAXIMUM RATINGS
Collector-base voltage (open emitter)
VCBO
max.
200 V
Collector-emitter voltage (open base)
VCEO
max.
150 V
Collector current
IC
max.
2 A
Total power dissipation up to TC = 25°C
Ptot
max.
25 W
Junction temperature
Tj
max.
150 °C
Collector-emitter saturation voltage
IC = 500 mA; IB = 50 mA
VCEsat
max.
1.0 V
D.C. current gain
IC = 0.4 A; VCE = 10 V
hFE
min.
40
max.
240
RATINGS (at TA=25°C unless otherwise specified)
Limiting values
Collector-base voltage (open emitter)
VCBO
max.
200 V
Collector-emitter voltage (open base)
VCEO
max.
150 V
Emitter-base voltage (open collector)
VEBO
max.
5.0 V
Collector current
IC
max.
2 A
CSB546
PIN CONFIGURATION
1. BASE
2. COLLECTOR
3. EMITTER
4. COLLECTOR
B
1 23
J
M
G
D
F
E
C
DIM
MIN .
MAX.
A
14.42
16.51
B
9.63
10.67
C
3.56
4.83
D0.90
E
1.15
1.40
F
3.75
3.88
G
2.29
2.79
H
2.54
3.43
J0.56
K
12.70
14.73
L
2.80
4.07
M
2.03
2.92
N
31.24
ODEG 7
1
2
3
4
TO-220 Plastic Package
Continental Device India Limited
An ISO/TS16949 and ISO 9001 Certified Company


Similar Part No. - CSB546

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
CSB500 MURATA-CSB500 Datasheet
447Kb / 10P
Techinical Data Ceramic Resonatoe
logo
Continental Device Indi...
CSB507 CDIL-CSB507 Datasheet
129Kb / 3P
PNP / NPN PLASTIC POWER TRANSISTOR
CSB507C CDIL-CSB507C Datasheet
129Kb / 3P
PNP / NPN PLASTIC POWER TRANSISTOR
CSB507D CDIL-CSB507D Datasheet
129Kb / 3P
PNP / NPN PLASTIC POWER TRANSISTOR
CSB507E CDIL-CSB507E Datasheet
129Kb / 3P
PNP / NPN PLASTIC POWER TRANSISTOR
More results

Similar Description - CSB546

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
C43C2 CDIL-C43C2 Datasheet
149Kb / 3P
PNP PLASTIC POWER TRANSISTOR
CSA715 CDIL-CSA715 Datasheet
66Kb / 3P
PNP PLASTIC POWER TRANSISTOR
CSB507 CDIL-CSB507 Datasheet
129Kb / 3P
PNP / NPN PLASTIC POWER TRANSISTOR
CSB856 CDIL-CSB856 Datasheet
130Kb / 3P
PNP PLASTIC POWER TRANSISTOR
CSB1065 CDIL-CSB1065 Datasheet
138Kb / 3P
PNP PLASTIC POWER TRANSISTOR
CSB1436 CDIL-CSB1436 Datasheet
70Kb / 2P
PNP SILICON PLASTIC POWER TRANSISTOR
CSA748 CDIL-CSA748 Datasheet
139Kb / 3P
PNP PLASTIC POWER TRANSISTOR
2N6111 CDIL-2N6111 Datasheet
193Kb / 3P
PNP PLASTIC POWER TRANSISTOR
2N6109 CDIL-2N6109 Datasheet
255Kb / 3P
PNP PLASTIC POWER TRANSISTOR
C45C8 CDIL-C45C8 Datasheet
256Kb / 4P
PNP PLASTIC POWER TRANSISTOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com