Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1012 Datasheet(PDF) 2 Page - Pico Technology Ltd.

Part # 1012
Description  Multi-channel data acquisition
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICO [Pico Technology Ltd.]
Direct Link  https://www.picotech.com/
Logo PICO - Pico Technology Ltd.

1012 Datasheet(HTML) 2 Page - Pico Technology Ltd.

  1012 Datasheet HTML 1Page - Pico Technology Ltd. 1012 Datasheet HTML 2Page - Pico Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PicoLog 1216
PicoLog 1012
INPUTS
Analog inputs
16 channels
12 channels
Resolution (bits)
12 bits
10 bits
Sampling rate, streaming
1 kS/s per channel in PicoLog, 100 kS/s using API
Sampling rate, block mode
1 MS/s using PicoScope and API
Sampling rate, real-time continuous
1 kS/s or greater
Buffer memory
8k samples shared by all channels
Input type
Single-ended, unipolar
Voltage range
0 - 2.5 V
Accuracy
0.5% @ 12 bits
1.0% @ 10 bits
Overload protection
±30 V
AC/DC coupling
DC coupling
Input impedance
1MΩ fixed – buffered inputs
OUTPUTS
Digital outputs
4 digital outputs
2 digital outputs
Output power for sensors
2.5 V @ 10 mA. Current-limited
Other outputs
PWM output (PicoScope 6 and API)
None
GENERAL
PC connectivity
USB 2.0 full speed
Power requirements
Powered from USB port, < 200 mA operating, < 100 mA on startup
Input/output connector
25-way D Type, female (pin-compatible with USB ADC-11)
Dimensions
45 mm x 100 mm x 140 mm (1.77” x 3.94” x 5.51”)
Weight
< 200 g (7.05 oz)
Temperature range
Operating: 0 °C to 70 °C (20 °C to 50 °C for stated accuracy)
Humidity range
Operating: 5 % to 85 % RH non-condensing
Compliance
CE (EMC) Class A emissions & immunity. FCC emissions
PC requirements
Windows XP (SP3), Windows Vista, Windows 7 or Windows 8, 32 or 64 bit (not Windows RT)
- PicoLog FEATURES
Multiple views
View data as a graph, spreadsheet or text
Parameter scaling
Convert raw data into standard engineering units
Math functions
Use mathematical equations to calculate additional parameters
Alarm limits
Program an alert if a parameter goes out of a specified range
- PicoScope 6 FEATURES
Capture modes
Oscilloscope, spectrum and persistence modes
Channel maths
Calculate the sum, difference, product, inverse or create your own custom function using standard arithmetic,
exponential and trigonometric functions
Automated measurements
15 scope measurements and 11 spectrum measurements
DEVELOPMENT KIT
Driver and examples
C/C++/C#, Visual Basic and LabVIEW
Compatibility mode
Drop-in replacement of USB ADC-11
+44 (0) 1480 396 395
+44 (0) 1480 396 296
 sales@picotech.com
Errors and omissions excepted. Windows is a registered trade mark of Microsoft
Corporation in the United States and other countries. Pico Technology and
PicoScope are internationally registered trade marks of Pico Technology Ltd.
MM020-3. Copyright © 2013 - 2014 Pico Technology Ltd. All rights reserved.
US headquarters
Pico Technology
320 N Glenwood Blvd
Tyler
Texas 75702
United States
+1 800 591 2796
+1 620 272 0981
 sales@picotech.com
www.picotech.com
Ordering information



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com