Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29BDS128HD8 Datasheet(PDF) 39 Page - SPANSION

Part # AM29BDS128HD8
Description  128 or 64 Megabit (8 M or 4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

AM29BDS128HD8 Datasheet(HTML) 39 Page - SPANSION

Back Button AM29BDS128HD8 Datasheet HTML 35Page - SPANSION AM29BDS128HD8 Datasheet HTML 36Page - SPANSION AM29BDS128HD8 Datasheet HTML 37Page - SPANSION AM29BDS128HD8 Datasheet HTML 38Page - SPANSION AM29BDS128HD8 Datasheet HTML 39Page - SPANSION AM29BDS128HD8 Datasheet HTML 40Page - SPANSION AM29BDS128HD8 Datasheet HTML 41Page - SPANSION AM29BDS128HD8 Datasheet HTML 42Page - SPANSION AM29BDS128HD8 Datasheet HTML 43Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 89 page
background image
May 10, 2006 27024B3
Am29BDS128H/Am29BDS640H
37
D A TA
SH EE T
SA represents the sector address. The device ID is
read in three cycles.
The system must write the reset command to return to
the read mode (or erase-suspend-read mode if the
bank was previously in Erase Suspend).
Enter SecSi™ Sector/Exit SecSi Sector
Command Sequence
The SecSi Sector region provides a secured data area
containing a random, eight word electronic serial num-
ber (ESN). The system can access the SecSi Sector
region by issuing the three-cycle Enter SecSi Sector
command sequence. The device continues to access
the SecSi Sector region until the system issues the
four-cycle Exit SecSi Sector command sequence. The
Exit SecSi Sector command sequence returns the de-
vice to normal operation. The SecSi Sector is not ac-
cessible when the device is executing an Embedded
Program or embedded Erase algorithm. Table 20,
“Memory Array Command Definitions,” on page 46
shows the address and data requirements for both
command sequences.
Program Command Sequence
Programming is a four-bus-cycle operation. The
program command sequence is initiated by writing two
unlock write cycles, followed by the program set-up
command. The program address and data are written
next, which in turn initiate the Embedded Program
algorithm. The system is not required to provide further
controls or timings. The device automatically provides
internally generated program pulses and verifies the
programmed cell margin. Table 20, “Memory Array
Command Definitions,” on page 46 shows the address
and data requirements for the program command
sequence.
When the Embedded Program algorithm is complete,
that bank then returns to the read mode and addresses
are no longer latched. The system can determine the
status of the program operation by monitoring DQ7 or
DQ6/DQ2. Refer to the “Write Operation Status”
section on page 48 for information on these status bits.
Any commands written to the device during the
Embedded Program Algorithm are ignored. Note that a
hardware reset immediately terminates the program
operation. The program command sequence should be
reinitiated once that bank has returned to the read
mode, to ensure data integrity.
Programming is allowed in any sequence and across
sector boundaries. A bit cannot be programmed from
“0” back to a “1.” Attempting to do so may cause that
bank to set DQ5 = 1, or cause the DQ7 and DQ6 status
bit to indicate the operation was successful. However,
a succeeding read will show that the data is still “0.”
Only erase operations can convert a “0” to a “1.”
Unlock Bypass Command Sequence
The unlock bypass feature allows the system to prima-
rily program to a bank faster than using the standard
program command sequence. The unlock bypass
command sequence is initiated by first writing two
unlock cycles. This is followed by a third write cycle
containing the unlock bypass command, 20h. The
device then enters the unlock bypass mode. A
two-cycle unlock bypass program command sequence
is all that is required to program in this mode. The first
cycle in this sequence contains the unlock bypass
program command, A0h; the second cycle contains the
program address and data. Additional data is pro-
grammed in the same manner. This mode dispenses
with the initial two unlock cycles required in the stan-
dard program command sequence, resulting in faster
total programming time. The host system may also ini-
tiate the chip erase and sector erase sequences in the
unlock bypass mode. The erase command sequences
are four cycles in length instead of six cycles. Table 20,
“Memory Array Command Definitions,” on page 46
shows the requirements for the unlock bypass
command sequences. The Unlock Bypass Reset
command is required to return to reading array data
when the bank is in the unlock bypass mode.
During the unlock bypass mode, only the Read, Unlock
Bypass Program, Unlock Bypass Sector Erase, Unlock
Bypass Chip Erase, and Unlock Bypass Reset com-
Table 19.
Autoselect Data
Description
Address
Read Data
Manufacturer
ID
(BA) + 00h
0001h
Device ID,
Word 1
(BA) + 01h
227Eh (BDS128H)
221Eh (BDS640H)
Device ID,
Word 2
(BA) + 0Eh
2218h (BDS128H)
2201h (BDS640H)
Device ID,
Word 3
(BA) + 0Fh
2200h
Sector
Protection
Verification
(SA) + 02h
0001h (locked),
0000h (unlocked)
Indicator Bits
(BA) + 03h
DQ15 - DQ8 = 0
DQ7: Factory Lock Bit
1 = Locked, 0 = Not Locked
DQ6: Customer Lock Bit
1 = Locked, 0 = Not Locked
DQ5: Handshake Bit
1 = Reduced Wait-state
Handshake,
0 = Standard Handshake



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com