Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29F800T Datasheet(PDF) 36 Page - Advanced Micro Devices

Part # AM29F800T
Description  8 Megabit (1,048,576 x 8-Bit/524,288 x 16-Bit) CMOS 5.0 Volt-only, Sector Erase Flash Memory
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F800T Datasheet(HTML) 36 Page - Advanced Micro Devices

Back Button AM29F800T Datasheet HTML 32Page - Advanced Micro Devices AM29F800T Datasheet HTML 33Page - Advanced Micro Devices AM29F800T Datasheet HTML 34Page - Advanced Micro Devices AM29F800T Datasheet HTML 35Page - Advanced Micro Devices AM29F800T Datasheet HTML 36Page - Advanced Micro Devices AM29F800T Datasheet HTML 37Page - Advanced Micro Devices AM29F800T Datasheet HTML 38Page - Advanced Micro Devices AM29F800T Datasheet HTML 39Page - Advanced Micro Devices AM29F800T Datasheet HTML 40Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 41 page
background image
36
Am29F800T/Am29F800B
8/18/97
PR E L IM IN A R Y
ERASE AND PROGRAMMING PERFORMANCE
Notes:
1. The typical erase and programming times assume the following conditions: 25
°C, 5.0 volt V
CC, 100,000 cycles. These
conditions do not apply to erase/program endurance. Programming typicals assume checkerboard pattern.
2. The maximum erase and programming times assume the following conditions: 90
°C, 4.5 volt V
CC, 100,000 cycles.
3. Although Embedded Algorithms allow for longer chip program and erase time, the actual time will be considerably less since
bytes program or erase significantly faster than the worst case byte.
4. System-level overhead is defined as the time required to execute the four bus cycle command necessary to program each
byte. In the preprogramming step of the Embedded Erase algorithm, all bytes are programmed to 00H before erasure.
5. The Embedded Algorithms allow for 2.5 ms byte program time. DQ5 = “1” only after a byte takes the theoretical maximum
time to program. A minimal number of bytes may require significantly more programming pulses than the typical byte. The
majority of the bytes will program within one or two pulses. This is demonstrated by the Typical and Maximum Programming
Times listed above.
LATCHUP CHARACTERISTICS
Includes all pins except VCC. Test conditions: VCC = 5.0 V, one pin at a time.
Parameter
Limits
Unit
Comments
Typ (Note 1)
Max (Note 2)
Sector Erase Time
1.0
8
sec
Excludes 00H programming prior to
erasure
Chip Erase Time (Note 3)
19
152
sec
Byte Programming Time (Note 5)
7
300
µs
Excludes system-level overhead (Note 4)
Word Programming Time (Note 5)
14
600
µs
Chip Programming Time (Notes 3, 5)
7.2
21.6
sec
Erase/Program Endurance
1,000,000
cycles
Minimum 100,000 cycles guaranteed
Min
Max
Input Voltage with respect to VSS on all I/O pins
–1.0 V
VCC + 1.0 V
VCC Current
–100 mA
+100 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com