Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29PDL129H Datasheet(PDF) 33 Page - SPANSION

Part # AM29PDL129H
Description  128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Page Mode Simultaneous Read/Write Flash Memory with Enhanced VersatileIO Control and Dual chip Enable
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

AM29PDL129H Datasheet(HTML) 33 Page - SPANSION

Back Button AM29PDL129H Datasheet HTML 29Page - SPANSION AM29PDL129H Datasheet HTML 30Page - SPANSION AM29PDL129H Datasheet HTML 31Page - SPANSION AM29PDL129H Datasheet HTML 32Page - SPANSION AM29PDL129H Datasheet HTML 33Page - SPANSION AM29PDL129H Datasheet HTML 34Page - SPANSION AM29PDL129H Datasheet HTML 35Page - SPANSION AM29PDL129H Datasheet HTML 36Page - SPANSION AM29PDL129H Datasheet HTML 37Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 49 page
background image
November 2, 2005
Am29PDL129H
31
DC CHARACTERISTICS
CMOS Compatible
Notes:
1.
Valid CE1#/CE2# conditions: (CE1#= VIL, CE2#= VIH) or (CE1#=
VIH, CE2#= VIL)
2.
The ICC current listed is typically less than 5 mA/MHz, with OE# at
VIH.
3.
Maximum ICC specifications are tested with VCC = VCCmax.
4.
ICC active while Embedded Erase or Embedded Program is in
progress.
5.
Automatic sleep mode enables the low power mode when
addresses remain stable for tACC + 150 ns. Typical sleep mode
current is 1
μA.
6.
Not 100% tested.
Parameter
Symbol
Parameter Description
Test Conditions
Min
Typ
Max
Unit
ILI
Input Load Current
VIN = VSS to VCC,
VCC = VCC max
±1.0
µA
ILIT
A9, OE#, RESET# Input Load Current
VCC = VCC max; VID= 12.5 V
35
µA
ILR
Reset Leakage Current
VCC = VCC max; VID= 12.5 V
35
µA
ILO
Output Leakage Current
VOUT = VSS to VCC, OE# = VIH
VCC = VCC max
±1.0
µA
ICC1
VCC Active Read Current (Notes 1, 2, 3)
OE# = VIH, VCC = VCC max
(Note 1)
5 MHz
20
30
mA
10 MHz
45
55
ICC2
VCC Active Write Current (Notes 1, 3, 4)
OE# = VIH, WE# = VIL
15
25
mA
ICC3
VCC Standby Current (Note 3)
CE1#, CE2#, RESET#, WP/ACC#
= VIO ± 0.3 V
15
µA
ICC4
VCC Reset Current (Note 3)
RESET# = VSS ± 0.3 V, CE# = VSS
15
µA
ICC5
Automatic Sleep Mode (Notes 3, 5)
VIH = VIO ± 0.3 V;
VIL = VSS ± 0.3 V, CE# = VSS
15
µA
ICC6
VCC Active Read-While-Program Current
(Notes 1, 2, 3)
OE# = VIH
Word
21
45
mA
ICC7
VCC Active Read-While-Erase Current
(Notes 1, 2, 3)
OE# = VIH
Word
21
45
mA
ICC8
VCC Active Program-While-Erase-
Suspended Current (Notes 1, 3, 6)
OE# = VIH
17
25
mA
VIL
Input Low Voltage
VIO = 1.65–1.95 V
–0.4
0.4
V
VIO = 2.7–3.6 V
–0.5
0.8
V
VIH
Input High Voltage
VIO = 1.65–1.95 V
VIO–0.4
VIO+0.4
V
VIO = 2.7–3.6 V
2.0
VCC+0.3
V
VHH
Voltage for ACC Program Acceleration
VCC = 3.0 V ± 10%
8.5
9.5
V
VID
Voltage for Autoselect and Temporary
Sector Unprotect
VCC = 3.0 V ± 10%
11.5
12.5
V
VOL
Output Low Voltage
IOL = 100 µA, VCC = VCC min, VIO = 1.65–1.95
V
0.1
V
IOL = 2.0 mA, VCC = VCC min, VIO = 2.7–3.6 V
0.4
V
VOH
Output High Voltage
IOH = –100 µA, VCC = VCC min, VIO = 1.65–1.95 V
VIO–0.1
V
IOH = –2.0 mA, VCC = VCC min, VIO = 2.7–3.6 V
2.4
V
VLKO
Low VCC Lock-Out Voltage (Note 6)
2.3
2.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com