Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29PDS322D Datasheet(PDF) 14 Page - SPANSION

Part # AM29PDS322D
Description  32 Megabit (2 M x 16-Bit) CMOS 1.8 Volt-only (1.8 V to 2.2 V) Simultaneous Read/Write Page-Mode Boot Sector Flash Memory
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

AM29PDS322D Datasheet(HTML) 14 Page - SPANSION

Back Button AM29PDS322D Datasheet HTML 10Page - SPANSION AM29PDS322D Datasheet HTML 11Page - SPANSION AM29PDS322D Datasheet HTML 12Page - SPANSION AM29PDS322D Datasheet HTML 13Page - SPANSION AM29PDS322D Datasheet HTML 14Page - SPANSION AM29PDS322D Datasheet HTML 15Page - SPANSION AM29PDS322D Datasheet HTML 16Page - SPANSION AM29PDS322D Datasheet HTML 17Page - SPANSION AM29PDS322D Datasheet HTML 18Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 51 page
background image
12
Am29PDS322D
23569A5 December 4, 2006
D A TA
SH EE T
Table 4.
Am29PDS322DT Top Boot SecSi Sector Address
SA44
101100xxx
32
160000h–167FFFh
SA45
101101xxx
32
168000h–16FFFFh
SA46
101110xxx
32
170000h–177FFFh
SA47
101111xxx
32
178000h–17FFFFh
SA48
110000xxx
32
180000h–187FFFh
SA49
110001xxx
32
188000h–18FFFFh
SA50
110010xxx
32
190000h–197FFFh
SA51
110011xxx
32
198000h–19FFFFh
SA52
110100xxx
32
1A0000h–1A7FFFh
SA53
110101xxx
32
1A8000h–1AFFFFh
SA54
110110xxx
32
1B0000h–1B7FFFh
SA55
110111xxx
32
1B8000h–1BFFFFh
SA56
111000xxx
32
1C0000h–1C7FFFh
SA57
111001xxx
32
1C8000h–1CFFFFh
SA58
111010xxx
32
1D0000h–1D7FFFh
SA59
111011xxx
32
1D8000h–1DFFFFh
SA60
111100xxx
32
1E0000h–1E7FFFh
SA61
111101xxx
32
1E8000h–1EFFFFh
SA62
111110xxx
32
1F0000h–1F7FFFh
SA63
111111000
4
1F8000h–1F8FFFh
SA64
111111001
4
1F9000h–1F9FFFh
SA65
111111010
4
1FA000h–1FAFFFh
SA66
111111011
4
1FB000h–1FBFFFh
SA67
111111100
4
1FC000h–1FCFFFh
SA68
111111101
4
1FD000h–1FDFFFh
SA69
111111110
4
1FE000h–1FEFFFh
SA70
111111111
4
1FF000h–1FFFFFh
Table 3.
Am29PDS322DT Top Boot Sector Addresses (Continued)
Bank
Sector
Sector Address
A20–A12
Sector Size
(Kwords)
(x16)
Address Range
Sector Address A20–A12
Sector Size
(x16) Address Range
111111xxx
32
1F8000h–1FFFFh
Table 5.
Am29PDS322DB Bottom Boot Sector Addresses
Bank
Sector
Sector Address
A20–A12
Sector Size
(Kwords)
(x16)
Address Range
SA0
000000000
4
000000h–000FFFh
SA1
000000001
4
001000h–001FFFh
SA2
000000010
4
002000h–002FFFh
SA3
000000011
4
003000h–003FFFh
SA4
000000100
4
004000h–004FFFh
SA5
000000101
4
005000h–005FFFh
SA6
000000110
4
006000h–006FFFh
SA7
000000111
4
007000h–007FFFh
SA8
000001xxx
32
008000h–00FFFFh
SA9
000010xxx
32
010000h–017FFFh
SA10
000011xxx
32
018000h–01FFFFh
SA11
000100xxx
32
020000h–027FFFh
SA12
000101xxx
32
028000h–02FFFFh
SA13
000110xxx
32
030000h–037FFFh
SA14
000111xxx
32
038000h–03FFFFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com