Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM70PDL129CDH Datasheet(PDF) 11 Page - SPANSION

Part # AM70PDL129CDH
Description  Stacked Multi-Chip Package (MCP/XIP) Flash Memory, Data storage MirrorBit Flash, and pSRAM (XIP)
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

AM70PDL129CDH Datasheet(HTML) 11 Page - SPANSION

Back Button AM70PDL129CDH Datasheet HTML 7Page - SPANSION AM70PDL129CDH Datasheet HTML 8Page - SPANSION AM70PDL129CDH Datasheet HTML 9Page - SPANSION AM70PDL129CDH Datasheet HTML 10Page - SPANSION AM70PDL129CDH Datasheet HTML 11Page - SPANSION AM70PDL129CDH Datasheet HTML 12Page - SPANSION AM70PDL129CDH Datasheet HTML 13Page - SPANSION AM70PDL129CDH Datasheet HTML 14Page - SPANSION AM70PDL129CDH Datasheet HTML 15Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 127 page
background image
November 24, 2003
Am70PDL127CDH/Am70PDL129CDH
9
ADV ANCE
I N FO RMAT I O N
PRODUCT SELECTOR GUIDE
MCP BLOCK DIAGRAM
Part Number
Am70PDL127CDH/Am70PDL129CDH
Speed
Option
Standard Voltage Range:
VCC = 2.7–3.1 V
Flash Memory (XIP)
Pseudo SRAM
Flash Memory
(Data Storage)
66
85
66
85
66
85
Max Access Time, ns
65
85
70
70
110
110
Page Access Time, ns
25
30
N/A
N/A
30
30
CE#f1 Access, ns
65
85
70
70
110
110
OE# Access, ns
25
30
35
35
30
30
VSS
VCCps
RESET#
WE#
OE#
CE1#ps
LB#s
UB#s
WP#/ACC
CE2ps
64 MBit
Pseudo
SRAM
128 MBit
Flash Memory
(XIP)
Am29PDL127H/
Am29PDL129H
DQ15 to DQ0
DQ15 to DQ0
A21 to A0
(A22) A21 to A0
CE#f1
RY/BY#
A21 to A0
(A22 PDL127 only)
DQ15 to DQ0
CE#f2
(PDL129 only)
VSS
VCCf
RESET#ds
WP#/ACCds
CE#1ds
64 MBit
Flash Memory
(Data Storage)
Am29LV640MH
64 MBit
Flash Memory
(Data Storage)
Am29LV640MH
CE#2ds
VSS
VCCQds
VSS
VCCQds
RY/BY#ds
RY/BY#ds
DQ15 to DQ0
DQ15 to DQ0
A21 to A0
A21 to A0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com