Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MF-622DS-R13-241 Datasheet(PDF) 10 Page - Mitsubishi Electric Semiconductor

Part # MF-622DS-R13-241
Description  SONET/SDH TRANSMITTER & RECEIVER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

MF-622DS-R13-241 Datasheet(HTML) 10 Page - Mitsubishi Electric Semiconductor

Back Button MF-622DS-R13-241 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor MF-622DS-R13-241 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor MF-622DS-R13-241 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor MF-622DS-R13-241 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor MF-622DS-R13-241 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor MF-622DS-R13-241 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor MF-622DS-R13-241 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor MF-622DS-R13-241 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor MF-622DS-R13-241 Datasheet HTML 10Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
MITSUBISHI (OPTICAL DEVICES)
MF-622DS-T12-43x/45x/46x
MF-622DS-R13-24x
SONET/SDH TRANSMITTER & RECEIVER
NOTE6: Data and Clock relationship
NOTE7: Signal Detect Response time: Decreasing Light Input / Increasing Light Input
NOTE8: Photo current monitor method
The photocurrent will be calculated based on the voltage drop across on external resistor connected between the
monitoring pin and +5V.
Data
Clock
Td
Td < +/-200psec.
45% < Clock duty < 55%
Optical wave
Optical wave
SDRTd < 100usec.
SDRTi < 100usec.
SDRTi
SDRTd
Vcc
External resister
(R=<100ohm)
Photo Detector Bias
Receiver
PD
Preamp
Rt
OPT.IN
PD-Preamp Module



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com