Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM70PDL129CDH85IT Datasheet(PDF) 5 Page - SPANSION

Part # AM70PDL129CDH85IT
Description  Stacked Multi-Chip Package (MCP/XIP) Flash Memory, Data storage MirrorBit Flash, and pSRAM (XIP)
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

AM70PDL129CDH85IT Datasheet(HTML) 5 Page - SPANSION

  AM70PDL129CDH85IT Datasheet HTML 1Page - SPANSION AM70PDL129CDH85IT Datasheet HTML 2Page - SPANSION AM70PDL129CDH85IT Datasheet HTML 3Page - SPANSION AM70PDL129CDH85IT Datasheet HTML 4Page - SPANSION AM70PDL129CDH85IT Datasheet HTML 5Page - SPANSION AM70PDL129CDH85IT Datasheet HTML 6Page - SPANSION AM70PDL129CDH85IT Datasheet HTML 7Page - SPANSION AM70PDL129CDH85IT Datasheet HTML 8Page - SPANSION AM70PDL129CDH85IT Datasheet HTML 9Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 127 page
background image
November 24, 2003
Am70PDL127CDH/Am70PDL129CDH
3
ADV ANCE
I N FO RMAT I O N
pSRAM Features
■ Power dissipation
— Operating: 35 mA maximum
— Standby: 80 µA maximum
— Deep power-down standby: 20 µA
■ Data retention supply voltage: 2.7 to 3.1 V
■ Power down features using CE#1s and CE2s
■ CE1s# and CE2s Chip Select
■ Byte data control: LB#s (DQ7-DQ0), UB#s (DQ15-DQ8)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com