Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29SL400DB100WAF Datasheet(PDF) 5 Page - SPANSION

Part # AM29SL400DB100WAF
Description  4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

AM29SL400DB100WAF Datasheet(HTML) 5 Page - SPANSION

  AM29SL400DB100WAF Datasheet HTML 1Page - SPANSION AM29SL400DB100WAF Datasheet HTML 2Page - SPANSION AM29SL400DB100WAF Datasheet HTML 3Page - SPANSION AM29SL400DB100WAF Datasheet HTML 4Page - SPANSION AM29SL400DB100WAF Datasheet HTML 5Page - SPANSION AM29SL400DB100WAF Datasheet HTML 6Page - SPANSION AM29SL400DB100WAF Datasheet HTML 7Page - SPANSION AM29SL400DB100WAF Datasheet HTML 8Page - SPANSION AM29SL400DB100WAF Datasheet HTML 9Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 41 page
background image
April 13, 2005 Rev. A Amend. +1
Am29SL400D
3
ADV ANCE
I N FO RMAT I O N
TABLE OF CONTENTS
Product Selector Guide . . . . . . . . . . . . . . . . . . . . . 4
Block Diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4
Special Handling Instructions for FBGA Packages .................. 5
Pin Configuration . . . . . . . . . . . . . . . . . . . . . . . . . . 6
Logic Symbol . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6
Ordering Information . . . . . . . . . . . . . . . . . . . . . . . 7
Device Bus Operations . . . . . . . . . . . . . . . . . . . . . . 8
Table 1. Am29SL400D Device Bus Operations ................................8
Word/Byte Configuration .......................................................... 8
Requirements for Reading Array Data ..................................... 8
Writing Commands/Command Sequences .............................. 9
Program and Erase Operation Status ...................................... 9
Standby Mode .......................................................................... 9
Automatic Sleep Mode ............................................................. 9
RESET#: Hardware Reset Pin ................................................. 9
Output Disable Mode .............................................................. 10
Table 2. Am29SL400DT Top Boot Block Sector Address Table .....10
Table 3. Am29SL400DB Bottom Boot Block Sector Address Table 10
Autoselect Mode ..................................................................... 11
Table 4. Am29SL400D Autoselect Codes (High Voltage Method) ..11
Sector Protection/Unprotection ............................................... 11
Temporary Sector Unprotect .................................................. 11
Figure 1. In-system Sector Protection/Unprotection Algorithms ..... 12
Figure 2. Temporary Sector Unprotect Operation........................... 13
Hardware Data Protection ...................................................... 13
Low VCC Write Inhibit .............................................................. 13
Write Pulse “Glitch” Protection ............................................... 13
Logical Inhibit .......................................................................... 13
Power-Up Write Inhibit ............................................................ 13
Command Definitions . . . . . . . . . . . . . . . . . . . . . 13
Reading Array Data ................................................................ 13
Reset Command ..................................................................... 13
Autoselect Command Sequence ............................................ 14
Word/Byte Program Command Sequence ............................. 14
Unlock Bypass Command Sequence ..................................... 14
Figure 3. Program Operation .......................................................... 15
Chip Erase Command Sequence ........................................... 15
Sector Erase Command Sequence ........................................ 15
Figure 4. Erase Operation............................................................... 16
Table 5. Am29SL400D Command Definitions ................................17
Write Operation Status ........................................................... 18
DQ7: Data# Polling ................................................................. 18
Figure 5. Data# Polling Algorithm ................................................... 18
RY/BY#: Ready/Busy# ........................................................... 18
DQ6: Toggle Bit I .................................................................... 19
DQ2: Toggle Bit II ................................................................... 19
Reading Toggle Bits DQ6/DQ2 ............................................... 19
Figure 6. Toggle Bit Algorithm........................................................ 20
DQ5: Exceeded Timing Limits ................................................ 20
DQ3: Sector Erase Timer ....................................................... 20
Table 6. Write Operation Status ..................................................... 21
Absolute Maximum Ratings . . . . . . . . . . . . . . . . 22
Figure 7. Maximum Negative Overshoot Waveform ...................... 22
Figure 8. Maximum Positive Overshoot Waveform........................ 22
Operating Ranges . . . . . . . . . . . . . . . . . . . . . . . . . 22
DC Characteristics . . . . . . . . . . . . . . . . . . . . . . . . 23
Figure 9. ICC1 Current vs. Time (Showing Active and Automatic
Sleep Currents) .............................................................................. 24
Figure 10. Typical ICC1 vs. Frequency ........................................... 24
Test Conditions. . . . . . . . . . . . . . . . . . . . . . . . . . . 25
Figure 11. Test Setup..................................................................... 25
Table 7. Test Specifications ........................................................... 25
Key to Switching Waveforms .................................................. 25
Figure 12. Input Waveforms and Measurement Levels ................. 25
AC Characteristics . . . . . . . . . . . . . . . . . . . . . . . . 26
Read Operations .................................................................... 26
Figure 13. Read Operations Timings ............................................. 26
Figure 14. RESET# Timings .......................................................... 27
Word/Byte Configuration (BYTE#) ........................................ 28
Figure 15. BYTE# Timings for Read Operations............................ 28
Figure 16. BYTE# Timings for Write Operations............................ 28
Erase/Program Operations ..................................................... 29
Figure 17. Program Operation Timings.......................................... 30
Figure 18. Chip/Sector Erase Operation Timings .......................... 31
AC Characteristics
. . . . . . . . . . . . . . . . . . . . . . 32
Figure 19. Data# Polling Timings (During Embedded Algorithms). 32
Figure 20. Toggle Bit Timings (During Embedded Algorithms)...... 32
Figure 21. DQ2 vs. DQ6................................................................. 33
Temporary Sector Unprotect .................................................. 33
Figure 22. Temporary Sector Unprotect Timing Diagram .............. 33
Figure 23. Sector Protect/Unprotect Timing Diagram .................... 34
Alternate CE# Controlled Erase/Program Operations ............ 35
AC Characteristics . . . . . . . . . . . . . . . . . . . . . . . . 36
Figure 24. Alternate CE# Controlled Write Operation Timings ...... 36
Erase and Programming Performance . . . . . . . 37
Latchup Characteristics . . . . . . . . . . . . . . . . . . . . 37
TSOP Pin and BGA Package Capacitance . . . . . 37
Data Retention. . . . . . . . . . . . . . . . . . . . . . . . . . . . 37
Physical Dimensions . . . . . . . . . . . . . . . . . . . . . . 38
FBA048—48-Ball Fine-Pitch Ball Grid Array (FBGA) 6 x 8 mm
Package .................................................................................. 38
Revision Summary . . . . . . . . . . . . . . . . . . . . . . . . 39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com