Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LWH5000 Datasheet(PDF) 3 Page - LUXPIA

Part # LWH5000
Description  White LED Lamp
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUXPIA [LUXPIA]
Direct Link  http://www.luxpialed.com
Logo LUXPIA - LUXPIA

LWH5000 Datasheet(HTML) 3 Page - LUXPIA

  LWH5000 Datasheet HTML 1Page - LUXPIA LWH5000 Datasheet HTML 2Page - LUXPIA LWH5000 Datasheet HTML 3Page - LUXPIA LWH5000 Datasheet HTML 4Page - LUXPIA LWH5000 Datasheet HTML 5Page - LUXPIA LWH5000 Datasheet HTML 6Page - LUXPIA LWH5000 Datasheet HTML 7Page - LUXPIA  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
LWH5000
White LED Lamp
Different and Better
■ Chromaticity Coordinates ranks
(Ta=25℃)
Color RANK
Test Condition
Min.
Typ.
Max.
x
0.24
-
0.26
9
y
0.19
-
0.25
x
0.26
-
0.28
0
y
0.22
-
0.28
x
0.28
-
0.30
1
y
0.25
-
0.31
x
0.30
-
0.32
2
y
0.28
-
0.34
x
0.32
-
0.34
3
y
IF= 20mA
0.30
-
0.36
* The CIE standard colorimetric system



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com