Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L634 Datasheet(PDF) 5 Page - STMicroelectronics

Part # L634
Description  THREE PHASE MOTOR DRIVER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L634 Datasheet(HTML) 5 Page - STMicroelectronics

  L634 Datasheet HTML 1Page - STMicroelectronics L634 Datasheet HTML 2Page - STMicroelectronics L634 Datasheet HTML 3Page - STMicroelectronics L634 Datasheet HTML 4Page - STMicroelectronics L634 Datasheet HTML 5Page - STMicroelectronics L634 Datasheet HTML 6Page - STMicroelectronics L634 Datasheet HTML 7Page - STMicroelectronics L634 Datasheet HTML 8Page - STMicroelectronics L634 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
ELECTRICAL CHARACTERISTICS (Vs = 42V ; Tj = 25°C unless otherwise specified)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VS
Supply Voltage
7
52
V
Vref
Reference Voltage
10
V
IS
Quiescent Supply Current
6.5
mA
TS
Thermal Shutdown
150
°C
TD
Dead Time Protection
300
ns
OUTPUT DMOS TRANSISTOR
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
IDSS
Leakage Current
1mA
RDS (ON)
ON Resistance
0.3
SOURCE DRAIN DIODE
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VSD
Forward ON Voltage
ISD = 4A; EN = LOW
1.2
V
TRR
Reverse Recovery Time
IF = 4A
900
ns
Tpr
Forward Recovery Time
200
ns
LOGIC LEVELS
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VINL, VENL
Input LOW Voltage
-0.3
0.8
V
VINH, VENH
Input HIGH Voltage
27
V
IINL, IENL
Input LOW Current
VIN,VEN = L
-10
µA
IINH, IENH
Input HIGH Current
VIN,VEN = H
30
µA
CIRCUIT DESCRIPTION
L6234 is a triple half bridge designed to drive
brushless DC motors.
Each half bridge has 2 power DMOS transistors
with RdsON = 0.3
Ω. The 3 half bridges can be
controlled independently by means of the 3 inputs
IN1, IN2, IN3 and the 3 inputs EN1, EN2, and
EN3. An external connection to the 3 common
low side DMOS sources is provided to connect a
sensing resistor for constant current chopping ap-
plication.
The driving stage and the logic stage are de-
signed to work from 7V to 52V.
L6234
5/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com