Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W21 Datasheet(PDF) 3 Page - TT Electronics.

Part # W21
Description  Vitreous Enamelled Wirewound Resistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

W21 Datasheet(HTML) 3 Page - TT Electronics.

  W21 Datasheet HTML 1Page - TT Electronics. W21 Datasheet HTML 2Page - TT Electronics. W21 Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Vitreous Enamelled
Wirewound Resistors
W20 Series
© Welwyn Components Limited Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
86
07.11
Welwyn Components
W20_C.qxd 28/4/03 10:19 am Page 2
Ordering Procedure
Example: W22 at 3.3 kilohms and 5% tolerance on a reel of 700 pieces –
W 2 2 – 3 K 3 J I
Type
Value (use IEC62 code)
Tolerance (use IEC62 code)
F
1%
J
5%
G 2%
Packing
I
Ammo
W21, W215
1000/box
Standard
Tape
W22
700/reel
Bulk
W23, W24
50/box
For CECC released product state on order the CECC number and style. Example:
W22-3K3JI CECC40201-002 KB
For SnPb finish instead of Pb-free replace the packing suffix with
PB. Example: W22-3K3JPB
Ordering Procedure
This product has two valid part numbers:
Example: W22-3K3JI (W22, 3.3 kilohms ±5%, Pb-free)
W 2
2
-
3 K
3
J
I
1
2
3
4
For CECC released product state on order the CECC number and style. Example:
W22-3K3JI CECC40201-002 KB
USA (IRC) Part Number: W22-3301JLF (W22, 3.3 kilohms ±5%, Pb-free)
W 2
2
-
3
3
0
1
J
L
F
1
2
3
4
1
2
3
4
Type
Value
Tolerance Packing & Termination Finish
W21 E24 = 3/4 characters
F = ±1%
I = Standard packing & Pb-free
W215
R = ohms
G = ±2%
PB = Standard packing & SnPb
W22
K = kilohms
J = ±5%
W21, W215
1000/box
W23
W22
700/reel
W24
W23, W24
50/box
1
2
3
4
Type
Value
Tolerance Packing & Termination Finish
W21
3 digits + multiplier
F = ±1%
LF = Standard packing & Pb-free
W215 R = ohms for values <100 ohms G = ±2%
Omit for Standard packing & SnPb
W22
J = ±5%
W21, W215
1000/box
W23
W22
700/reel
W24
W23, W24
50/box
Vitreous Enamelled
Wirewound Resistors
W20 Series
06.18
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronics.com/resistors
BI Technologies IRC Welwyn



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com