Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LB070DS06 Datasheet(PDF) 1 Page - SIPAT Co,Ltd

Part # LB070DS06
Description  70MHz SAW Filter 3MHz Bandwidth
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LB070DS06 Datasheet(HTML) 1 Page - SIPAT Co,Ltd

  LB070DS06 Datasheet HTML 1Page - SIPAT Co,Ltd LB070DS06 Datasheet HTML 2Page - SIPAT Co,Ltd LB070DS06 Datasheet HTML 3Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Phone: +86-23-62920684
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
Part Number
LB070DS06
Rev. Date
2006-1-9
SIPAT Co., Ltd.
( CETC No. 26 Research Institute )
Nanping Huayuan Road No. 14
Chongqing, China, 400060
Rev.
2.0
Page 1/3
C
Ch
hiin
na
a E
Elle
ec
cttrro
on
niic
cs
s T
Te
ec
ch
hn
no
ollo
og
gy
y G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
es
se
ea
arrc
ch
h IIn
ns
sttiittu
utte
e
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
70MHz SAW Filter
3MHz Bandwidth
Part Number:LB070DS06
Specifications
Parameter
Unit
Minimum
Typical
Maximum
Center Frequency
MHz
69.88
70
70.12
Insertion Loss
dB
-
14.6
15
1 dB Bandwidth
MHz
2.5
2.96
-
3 dB Bandwidth
MHz
3
3.48
-
40 dB Bandwidth
MHz
-
5.82
6.5
50 dB Bandwidth
MHz
-
7.87
-
Passband Variation
dB
-
0.8
1
Absolute Delay
usec
-
1.78
-
Group Delay Variation(f0±1.5MHz)
nsec
-
180
-
Ultimate Rejection
dB
35
45
-
Material Temperature coefficient
KHz/°C
-1.26
Ambient Temperature
°C
25
Package Size
SMD19*6.5
Notes:
1. All specifications are based on the test circuit shown
2. In production, devices will be tested at room temperature to a guardbanded specification to ensure
electrical compliance over temperature
3. Electrical margin has been built into the design to account for the variations due to temperature drift
and manufacturing tolerances
4. This is the optimum impedance in order to achieve the performance show
Matching Configuration
L1=(330+47)nH L2=330nH
C1=51pF C2=82pF
Source/Load Impedance=50 ohm
Notes - Component values may change depending
on board layout.
L2
L1
C1
C2


Similar Part No. - LB070DS06

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LB070DS06 SIPAT-LB070DS06 Datasheet
307Kb / 3P
70MHz SAW Filter 3MHz Bandwidth
More results

Similar Description - LB070DS06

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBS70A41 SIPAT-LBS70A41 Datasheet
143Kb / 4P
70MHz IF SAW Filter 3MHz Bandwidth
LBS09301 SIPAT-LBS09301 Datasheet
138Kb / 3P
93MHz SAW Filter 3MHz Bandwidth
LBS16701 SIPAT-LBS16701 Datasheet
138Kb / 3P
167.75MHz SAW Filter 3MHz Bandwidth
LBT70A46 SIPAT-LBT70A46 Datasheet
188Kb / 3P
70MHz SAW Filter 3MHz Bandwidth
LBS70A61 SIPAT-LBS70A61 Datasheet
147Kb / 3P
70MHz SAW Filter 3MHz Bandwidth
LB070DS06 SIPAT-LB070DS06 Datasheet
307Kb / 3P
70MHz SAW Filter 3MHz Bandwidth
LBS70A41 SIPAT-LBS70A41 Datasheet
148Kb / 4P
70MHz IF SAW Filter 3MHz Bandwidth
LBS70A61 SIPAT-LBS70A61 Datasheet
147Kb / 3P
70MHz SAW Filter 3MHz Bandwidth
LBS08030 SIPAT-LBS08030 Datasheet
148Kb / 3P
80MHz SAW Filter 3MHz Bandwidth
LBT70A46 SIPAT-LBT70A46 Datasheet
193Kb / 3P
70MHz SAW Filter 3MHz Bandwidth
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com