Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EB7S Datasheet(PDF) 1 Page - Vishay Siliconix

Part # EB7S
Description  Edgeboard Connectors, Single Readout
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

EB7S Datasheet(HTML) 1 Page - Vishay Siliconix

  EB7S Datasheet HTML 1Page - Vishay Siliconix EB7S Datasheet HTML 2Page - Vishay Siliconix EB7S Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
www.vishay.com
11
EB7S
Vishay Dale
Document Number 36004
Revision 14-Aug-02
For technical questions, contact Connectors@vishay.com
Edgeboard Connectors, Single Readout
FEATURES
• 0.156" [3.96mm] C-C.
• Bifurcated bellows contacts provide 2 flexing contact surfaces
to assure positive contact under adverse conditions such as
vibration or PC board irregularities.
• Accepts PC board thickness of 0.054" - 0.071"
[1.37mm - 1.80mm].
• Polarization between contact positions in all sizes.
Between contact polarization permits polarizing without loss
of a contact position.
• Selective gold plating.
• Polarizing key is reinforced nylon, may be inserted by hand,
requires no adhesive.
• Protected entry, provided by recessed leading edge of
contact, permits the card slot to straighten and align the board
before electrical contact is made. Prevents damage to
contact which might be caused by warped or out of tolerance
boards.
• Recognized under the Component Program of
Underwriters Laboratories, Inc. Listed under File E65524,
Project 77CH3889.
ELECTRICAL SPECIFICATIONS
Current Rating: 5 amps.
Test Voltage Between Contacts:
At sea level: 1800VRMS.
At 70,000 feet [21,336 meters]: 450VRMS.
Insulation Resistance: 5000 Megohm minimum at 500VDC
potential.
Contact Resistance: 30 millivolts maximum at rated current
(with gold plating).
Operating Temperature: - 55
°C to + 125°C.
Humidity: 96 hours at 90% relative humidity at + 40
°C, dried
at room temperature for 3 hours minimum, insulation
resistance 5000 Megohm.
Durability: (With gold plating.) After 500 cycles of insertion
and withdrawal of 0.070" [1.78mm] thick steel test gauge,
contact resistance less than 0.030V at 5 amps and individual
contact retention force when measured with a 0.054" [1.37mm]
thick steel test slug greater than 1/2 ounce.
Shock: Three 50g shocks in each of 3 mutually perpendicular
planes with no loss of continuity.
Vibration: 2 hours in each of 3 mutually perpendicular
planes, frequency sweep 10 to 55cps at 0.06 double amplitude
with no loss of continuity.
PHYSICAL SPECIFICATIONS
Contact Type: Bifurcated bellows.
Number of Contacts: 6, 10, 12, 15, 18 and 22 per side.
Contact Spacing: 0.156" [3.96mm] center to center.
Card Thickness: 0.054" to 0.071" [1.37mm to 1.80mm].
Card Slot Depth: Single Readout = 0.300" [7.62mm].
APPLICATIONS
For use with 0.062" [1.57mm] printed circuit boards requiring
an edgeboard type connector on 0.156" [3.96mm] centers.
MATERIAL SPECIFICATIONS
Body: (Standard) Glass-filled phenolic per MIL-M-14, dark
green, flame retardant (UL 94V-0).
(Optional - See Ordering Information):
“1” glass-filled diallyl phthalate per MIL-M-14, Type SDG-F
green, flame retardant (UL 94V-0).
“3” thermoplastic polyester, glass-filled, black, flame retardant
(UL 94V-0).
Contacts: Phosphor bronze.
Polarizing Key: Glass reinforced nylon, flame retardant
(UL94H-B).
Contact Plating: Gold (See Ordering Information).
NOTE: High temperature burn-in, edgeboard connectors,
0.156" [3.96mm] center to center are on page 20 of this catalog.
SG = Selective Gold Plating
(0.00003"
[0.000762mm]
minimum thick) on contact area
with Gold Flash on terminal.
SGF = Selective Gold Plating
(0.00001"
[0.000254mm]
minimum thick) on contact area
with Gold Flash on terminal.
All Gold Plating over 0.00005"
[0.00127mm] minimum Nickel
Underplate.
Contact factory for additional
plating options.
ORDERING INFORMATION
A
POLARIZING
KEY
POSITIONS
Key(s) are
located to
right
of
position(s)
designated.
Required
only when
polarizing
keys are to
be factory
installed.
EB7
MODEL
Optional Body
Material
1 = Diallyl
Phthalate
3 = Glass-filled
Polyester
Omit for
standard
phenolic.
1
BODY MATERIAL
S
SINGLE
READOUT
A or B
A
STANDARD TERMINAL
VARIATIONS
6, 10,
12,
15, 18
or 22
22
CONTACTS
SG
CONTACT
PLATING
X
MOUNTING
VARIATIONS


Similar Part No. - EB7S

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
EB7S VISHAY-EB7S Datasheet
162Kb / 4P
Edgeboard Connectors, Single Readout
14-Aug-02
EB7S VISHAY-EB7S Datasheet
127Kb / 4P
Edgeboard Connectors, Single Readout
16-Feb-09
EB7S VISHAY-EB7S_08 Datasheet
162Kb / 4P
Edgeboard Connectors, Single Readout
14-Aug-02
EB7S VISHAY-EB7S_09 Datasheet
127Kb / 4P
Edgeboard Connectors, Single Readout
16-Feb-09
More results

Similar Description - EB7S

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
EB7D VISHAY-EB7D Datasheet
178Kb / 4P
Edgeboard Connectors, Dual Readout
14-Aug-02
EB7S VISHAY-EB7S_08 Datasheet
162Kb / 4P
Edgeboard Connectors, Single Readout
14-Aug-02
EB8 VISHAY-EB8 Datasheet
156Kb / 4P
Edgeboard Connectors, Dual Readout
14-Aug-02
EBT156 VISHAY-EBT156 Datasheet
183Kb / 4P
Edgeboard Connectors Single Readout, Dip Solder, Eyelet and Wire Wrap™ Termination
14-Aug-02
EB4678 VISHAY-EB4678 Datasheet
202Kb / 8P
Edgeboard Connectors 200°C Burn-In Connectors, Dual Readout
14-Aug-02
EB7D VISHAY-EB7D_09 Datasheet
138Kb / 4P
Edgeboard Connectors, Dual Readout
16-Feb-09
EB7S VISHAY-EB7S_09 Datasheet
127Kb / 4P
Edgeboard Connectors, Single Readout
16-Feb-09
EB8 VISHAY-EB8_09 Datasheet
124Kb / 4P
Edgeboard Connectors, Dual Readout
16-Feb-09
EBT156 VISHAY-EBT156_09 Datasheet
266Kb / 4P
Edgeboard Connectors, Single Readout, Dip Solder, Eyelet and Wire Wrap Termination
16-Feb-09
EBT156 VISHAY-EBT156_V01 Datasheet
250Kb / 4P
Edgeboard Connectors, Single Readout, Dip Solder, Eyelet and Wire Wrap™ Termination
29-Mar-2019
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com