Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UP6281 Datasheet(PDF) 3 Page - uPI Group Inc.

Part # UP6281
Description  12V MOSFET Drivers with Output Disable for Single Phase Synchronous-Rectified Buck Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UPI [uPI Group Inc.]
Direct Link  http://www.ubiq-semi.com/
Logo UPI - uPI Group Inc.

UP6281 Datasheet(HTML) 3 Page - uPI Group Inc.

  UP6281 Datasheet HTML 1Page - uPI Group Inc. UP6281 Datasheet HTML 2Page - uPI Group Inc. UP6281 Datasheet HTML 3Page - uPI Group Inc. UP6281 Datasheet HTML 4Page - uPI Group Inc. UP6281 Datasheet HTML 5Page - uPI Group Inc. UP6281 Datasheet HTML 6Page - uPI Group Inc. UP6281 Datasheet HTML 7Page - uPI Group Inc. UP6281 Datasheet HTML 8Page - uPI Group Inc. UP6281 Datasheet HTML 9Page - uPI Group Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
uPI Semiconductor Corp., http://www.upi-semi.com
Rev. F03, File Name: uP6281-DS-F0300
uP6281
3
Functional Description
The uP6281 is a dual, high voltage MOSFET driver optimized
for driving two N-Channel MOSFETs in a synchronous-
rectified buck converter. Each driver is capable of driving a
5000pF load with 30ns transition time. This device combined
with uPI multi-phase buck PWM controller forms a complete
core voltage regulator for advanced microprocessors.
The uP6281 features adaptive anti-shoot-through protection
that prevents cross-conduction of the external MOSFET
while maintains minimum deadtime for optimized efficiency.
Both gate drives are turned off by pulling low OD# pin or
high-impedance at PWM pin, preventing rapid output
capacitor discharge during system shutdowns.
Other feature is supply input under voltage lockout. The
uP6281 is available in thermal enhanced PSOP-8L or
WDFN3x3-8L packages.
Output Disable
Logic low of OD# disables the gate drivers and keep both
output low. Tie the OD# pin to controller power directly if
the output disable function is not used.
PWM Input
The PWM pin is a tri-state input. Logic high turns on the
high-side gate driver and turns off the low side gate driver
once the POR of VCC is granted and OD# is kept high.
Logic low turns off the high side gate driver and turns off
the low side gate driver.
High impedance input at PWM pin will keep both high-side
and low-side gate drivers low and turns off both MOSFETs.
The PWM pin voltage is kept around 2.0V by internal bias
resistors when floating.
Low Side Driver
The low-side driver is designed to drive a ground-referenced
N-Channel MOSFET. The bias to the low-side driver is
internally connected to VCC supply and GND. The low-
side driver output is out of phase with the PWM input when
it is enabled. The low side driver is held low if the OD# pin
is pulled low or high-impedance at PWM pin.
High-Side Driver
The high-side driver is designed to drive a floatingN-Channel
MOSFET. The bias voltage to the high-side driver internally
connected to BOOT and PHASE pins. An external
bootstrap supply circuit that is connected between BOOT
and PHASE pins provides the bias current for the high-
side gate driver.
The bootstrap capacitor C
BOOT is charged to VCC when
PHASE pin is grounded by turning on the low-side
MOSFET. The PHASE raises to V
IN when the high-side
MOSFET is turned on, forcing the BOOT pin voltage to V
IN
+ V
CC that provides voltage to hold the high-side MOSFET
on.
The high-side gate driver output is in phase with the PWM
input when it is enabled. The high-side driver is held low if
the OD# pin is pulled low or high-impedance at PWM pin.
Adaptive Shoot Through Protection
The adaptive shoot-through circuit prevents the high-side
and low-side MOSFETs from being ON simultaneously and
conducting destructive large current. It is done by turning
on one MOSFET only after the other MOSFET is off already
with adequately delay time.
At the high-side off edge, UGATE and PHASE voltages
are monitored for anti-shoot-through protection. The uP6281
will not begin to output low-side driver high until both (V
UGATE
- V
PHASE) and VPHASE are lower than 1.2V, making sure the
high-side MOSFET is turned off completely.
At the low-side off edge, LGATE voltage is monitored for
anti-shoot-through protection. The uP6281 will not begin
to output high-side driver high until V
LGATE is lower than
1.2V, making sure the low-side MOSFET is turned off
completely.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com