Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29F800B-120FIB Datasheet(PDF) 11 Page - Advanced Micro Devices

Part # AM29F800B-120FIB
Description  8 Megabit (1,048,576 x 8-Bit/524,288 x 16-Bit) CMOS 5.0 Volt-only, Sector Erase Flash Memory
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F800B-120FIB Datasheet(HTML) 11 Page - Advanced Micro Devices

Back Button AM29F800B-120FIB Datasheet HTML 7Page - Advanced Micro Devices AM29F800B-120FIB Datasheet HTML 8Page - Advanced Micro Devices AM29F800B-120FIB Datasheet HTML 9Page - Advanced Micro Devices AM29F800B-120FIB Datasheet HTML 10Page - Advanced Micro Devices AM29F800B-120FIB Datasheet HTML 11Page - Advanced Micro Devices AM29F800B-120FIB Datasheet HTML 12Page - Advanced Micro Devices AM29F800B-120FIB Datasheet HTML 13Page - Advanced Micro Devices AM29F800B-120FIB Datasheet HTML 14Page - Advanced Micro Devices AM29F800B-120FIB Datasheet HTML 15Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 41 page
background image
8/18/97
Am29F800T/Am29F800B
11
PR E L IM IN A R Y
Table 6.
Sector Address Tables (Am29F800B)
Note: The address range is A18:A–1 if in byte mode (BYTE = VIL). The address range is A18:A0 if in word mode (BYTE = VIH).
A18
A17
A16
A15
A14
A13
A12
Sector
Size
(x16)
Address Range
(x8)
Address Range
SA0
000000
X
16 Kbytes
8 Kwords
00000h–01FFFh
00000h–03FFFh
SA1
0000010
8 Kbytes
4 Kwords
02000h–02FFFh
04000h–05FFFh
SA2
0000011
8 Kbytes
4 Kwords
03000h–03FFFh
06000h–07FFFh
SA3
00001
X
X
32 Kbytes
16 Kwords
04000h–07FFFh
08000h–0FFFFh
SA4
0001
X
X
X
64 Kbytes
32 Kwords
08000h–0FFFFh
10000h–1FFFFh
SA5
0010
X
X
X
64 Kbytes
32 Kwords
10000h–17FFFh
20000h–2FFFFh
SA6
0011
X
X
X
64 Kbytes
32 Kwords
18000h–1FFFFh
30000h–3FFFFh
SA7
0100
X
X
X
64 Kbytes
32 Kwords
20000h–27FFFh
40000h–4FFFFh
SA8
0101
X
X
X
64 Kbytes
32 Kwords
28000h–2FFFFh
50000h–5FFFFh
SA9
0110
X
X
X
64 Kbytes
32 Kwords
30000h–37FFFh
60000h–6FFFFh
SA10
0111
X
X
X
64 Kbytes
32 Kwords
38000h–3FFFFh
70000h–7FFFFh
SA11
1000
X
X
X
64 Kbytes
32 Kwords
40000h–47FFFh
80000h–8FFFFh
SA12
1001
X
X
X
64 Kbytes
32 Kwords
48000h–4FFFFh
90000h–9FFFFh
SA13
1010
X
X
X
64 Kbytes
32 Kwords
50000h–57FFFh
A0000h–AFFFFh
SA14
1011
X
X
X
64 Kbytes
32 Kwords
58000h–5FFFFh
B0000h–BFFFFh
SA15
1100
X
X
X
64 Kbytes
32 Kwords
60000h–67FFFh
C0000h–CFFFFh
SA16
1101
X
X
X
64 Kbytes
32 Kwords
68000h–6FFFFh
D0000h–DFFFFh
SA17
1110
X
X
X
64 Kbytes
32 Kwords
70000h–77FFFh
E0000h–EFFFFh
SA18
1111
X
X
X
64 Kbytes
32 Kwords
78000h–7FFFFh
F0000h–FFFFFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com