Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MF-2500DS-R14-200 Datasheet(PDF) 5 Page - Mitsubishi Electric Semiconductor

Part # MF-2500DS-R14-200
Description  SONET/SDH TRANSMITTER & RECIEVER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

MF-2500DS-R14-200 Datasheet(HTML) 5 Page - Mitsubishi Electric Semiconductor

  MF-2500DS-R14-200 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor MF-2500DS-R14-200 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor MF-2500DS-R14-200 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor MF-2500DS-R14-200 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor MF-2500DS-R14-200 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor MF-2500DS-R14-200 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor MF-2500DS-R14-200 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor MF-2500DS-R14-200 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor MF-2500DS-R14-200 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
MITSUBISHI (OPTICAL DEVICES)
MF-2500DS-T12-18x/19x/20x/21x
MF-2500DS-R13-18x
MF-2500DS-R14-19x/20x/21x
SONET/SDH TRANSMITTER & RECIEVER
PIN ALLOCATION
Transmitter pin allocation
No.
Symbol
Description
No.
Symbol
Description
1
VEE
Negative power supply ****
24
VCC
Positive power supply ****
2
BACK(+)
Monitoring for back fact current
23
GND
Ground
3
BIAS(+)
Monitoring for LD current
22
Cki-
False clock input
4
SDC
Shut Down Command ***
21
GND
Ground
5
SELC
Clock mode select **
20
Cki+
True clock input *
6
GND
Ground
19
GND
Ground
7
NUC
No user connection
18
Di-
False data input
8
LDA
Laser Degrade Alarm *****
17
GND
Ground
9
NUC
No user connection
16
Di+
True data input
10
NUC
No user connection
15
GND
Ground
11
GND
Ground
14
NUC
No user connection
12
VEE
Negative power supply ****
13
VCC
Positive power supply ****
*: The falling edge of Cki clock input signal is at the Di data eye pattern crossing point.
**: When open (or low) the module is in the operating mode. When high the module operates in non
clocked mode.
***: When high the module in the shut down mode (no optical output power).
When open (or low) the module is in the operating mode.
****: Vcc-Vee; with Vcc at +5V Vee must be at 0V; with Vee at -5.5V Vcc must be at 0V
*****: When provided a digital alarm indicates that the laser is degraded.
The active level is a low level.
This pin must be teidto Vcc through a 100k ohm resistor when the digital alarm is not proved
Receiver pin allocation
No.
Symbol
Description
No.
Symbol
Description
1
HV / NIC
High Voltage *
24
NUC
No user connection
2
NUC
No user connection
23
OILV / NIC
Optical Input Light Voltage ##
3
LPA
Loss of Power Alarm ***
22
VCC
Positive power supply
4
GND
Ground **
21
NUC
No user connection
5
Cko-
False clock output
20
GND
Ground **
6
Cko+
True clock output
19
GND
Ground **
7
GND
Ground **
18
VEE
Negative power supply
8
VCC
Positive power supply
17
GND
Ground **
9
GND
Ground
16
GND
Ground **
10
Do+
True data output
15
GND
Ground **
11
Do-
False data output
14
GND
Ground **
12
GND
Ground **
13
DTV / NIC
Decision Threshold Voltage #
*: This pin is Not Internally Connected(NIC) in case of the high voltage generator is inside the module.
**: Package is at same potential as GND .
***: LPA output is a logic level that indicates the presence or absence of a sufficient optical input level.
A logical high level indicates an input optical level too low.
#: This pen is not internally connected if the amplitude decision threshold is not made adjustable.
##: This pen is not internally connected if the Optical Input Light Voltage functionality is not provided.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com