Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MF-622DS-R13-242 Datasheet(PDF) 4 Page - Mitsubishi Electric Semiconductor

Part # MF-622DS-R13-242
Description  SONET/SDH TRANSMITTER & RECEIVER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

MF-622DS-R13-242 Datasheet(HTML) 4 Page - Mitsubishi Electric Semiconductor

  MF-622DS-R13-242 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor MF-622DS-R13-242 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor MF-622DS-R13-242 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor MF-622DS-R13-242 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor MF-622DS-R13-242 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor MF-622DS-R13-242 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor MF-622DS-R13-242 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor MF-622DS-R13-242 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor MF-622DS-R13-242 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
MITSUBISHI (OPTICAL DEVICES)
MF-622DS-T12-43x/45x/46x
MF-622DS-R13-24x
SONET/SDH TRANSMITTER & RECEIVER
TRANSMITTER PIN ALLOCATION
No.
Symbol
Description
No.
Symbol
Description
1
NC
No user connection
20
NC
No user connection
2
Lbs(+)
Laser-bias monitor(+)
19
Lbf(+)
Laser-backface monitor(+)
3
NC
No user connection
18
Vcc
Vcc
4
Lbs(-)
Laser-bias monitor(-)
17
Lbf(-)
Laser-backface monitor(-)
5
GND
Ground
16
Data
Data
6
Vcc
Vcc
15
Data
Data
7
Td
Transmitter disable
14
GND
Ground
8
Vcc
Vcc
13
GND
Ground
9
Vcc
Vcc
12
Vcc
Vcc
10
NC
No user connection
11
GND
Ground
PIN DESCRIPTIONS
Pin No.
Function
I/O
Pin description
5,11,
13,14
GND
I
These pin are the module’s ground connections.
They should be connected to a low impedance ground plane (0V).
6,8,9,
12,18
Vcc
I
This is the power supply pin for the module.
It should be connected to +5.0V.
Recommended power supply decoupling.
15,16
Data & Data
I
This data input pin modulates the laser diode. When the Dat a input is assert ed, the
laser diode is turned on.
Signal level of these pin are PECL level and internal Vbb bias. Refer t o electrical
interface in NOTE1.
7
Transmitter disable
I
The transmitter is nomally enabled and only requires an external voltage to disable.
Refer to electrical interface in NOTE2.
2,4
Laser-bias
monitor(+),
Laser-bias monitor(-)
O
The laser bias current is calculat ed as a rat io of the volt age to an int ernal 10-ohm
sensing resistor.
Ib[mA]={Lbs(+)-Lbs(-)}[mV]/10
Refer to electrical interface in NOTE3.
17,19
Laser-backface
monitor(+),
Laser-backface
monitor(-)
O
The laser backface monitor is calculated as a ratio of t he voltage to an internal 200-
ohm sensing resistor.
Ibf[mA]={Lbf(+)-Lbf(-)}[mV]/200
Refer to electrical interface in NOTE3.
1,3,
10,20
NC
-
These pin are No user connection and should be left open.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com