Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PX3TS Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # PX3TS
Description  Intelligent Rack Transfer Switch
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

PX3TS Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  PX3TS Datasheet HTML 1Page - List of Unclassifed Manufacturers PX3TS Datasheet HTML 2Page - List of Unclassifed Manufacturers PX3TS Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
The majority of data center
transfer switches on the market
fall short of expectation.
Electromechanical Relay Switches (ATS):
u
Vendors’ transfer times vary from 8 to 16ms.
u
The contacts often weld together due to electrical arcing;
one of the leading causes of electromechanical relay
transfer switch failure.
u
Relay only solutions do not indicate when the relay has
welded and is therefore no longer able to switch power feeds.
Thus data center operators only know their transfer switch has
failed when it’s too late, i.e. there is a power failure and no
switchover occurs.
Silicon-Controlled Rectifier Switches (STS):
u
Offer very fast transfer times (normally 4 to 6ms), but
are over five and a half times more expensive than
electromechanical switches.
u
Draw significantly more energy than electromechanical relays
and produce more heat thereby consuming cooling resources.
u
Are less energy efficient requiring forced cooling and lower
maximum operating temperatures.
u
Reduce the energy efficiency of the rack.
Smart Controller Enables Remote Monitoring and
Management:
u
Intuitive GUI, SNMP, Modbus, TCP/IP, JSON-RPC for scripting,
IPv4 / IPv6.
u
Full depth chassis.
u
Front and rear tablet access and control via USB ports.
u
Threshold alerting and status updates via GSM text, email
and syslog.
u
Logs transfer times for reporting.
u
Support for plug-and play sensors.
u
USB ports support Wi-Fi, camera, tablet, and cascading.
Raritan’s innovative hybrid design
is fast and reliable.
8–16ms
ATS (relay-based) Transfer Time
4ms
STS (SCR-based) Transfer Time
Raritan Hybrid (relay+SCR-based) Transfer Time
Multifunction Display
Transfer Switch Indicator Lamps
Transfer Switch
Indicators and Controls
Raritan’s Patent-Pending Hybrid Design:
u
Solid state components provide speedy transfer.
u
Patent-pending circuitry reduces wear on electro-mechanical
components.
u
Eliminates electrical arcing that leads to transfer relay failure.
u
Identifies output short circuits and sends an alarm so the
short circuit may be corrected before the power transfer
is made manually.
u
Speed of an STS at a lower cost.
u
Fan-free design for increased reliability.
Field Replaceable Short Circuit Protection
Integrated iPadTM display via USB port
A Transfer Switch That Is More Intelligent, More Reliable, Easier to Use
Inlet 2
Inlet 1 On
Output
Power
Fail
Inlet 2 On
Inlet 2
SCR
Inlet 2
Relay
Off
Output
Fail
Inlet 1
Relay
Relay
Off
Output
Fail
Inlet 1
SCR
Inlet 2
SCR
4-8ms



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com