Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HDRA Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # HDRA
Description  0.8 mm Pitch Connectors
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

HDRA Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button HDRA Datasheet HTML 17Page - List of Unclassifed Manufacturers HDRA Datasheet HTML 18Page - List of Unclassifed Manufacturers HDRA Datasheet HTML 19Page - List of Unclassifed Manufacturers HDRA Datasheet HTML 20Page - List of Unclassifed Manufacturers HDRA Datasheet HTML 21Page - List of Unclassifed Manufacturers HDRA Datasheet HTML 22Page - List of Unclassifed Manufacturers HDRA Datasheet HTML 23Page - List of Unclassifed Manufacturers HDRA Datasheet HTML 24Page - List of Unclassifed Manufacturers HDRA Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
0.8mm pitch connector
For PCB
Right-angle Through hole
ANSI/SFF8441
Right-angle through hole type female connector for PCB
HDRA-E68W( )LFDT1EC-( )+
● Configuration of product Part No.
HDRA-E68 W ( ) LFD T1 E C -( )+
➀➁ ➂
➃➄
➅ ➆ ➇
➈
➀ Series name
➁ No. of contacts: 136 (68≈2)
➂ No. of stacks: 2
➃ Length of contact, through hole
1: 2.08 (PCB: 1.6 mm thick)
2: 3.4 (PCB: 2.4 mm thick)
➄ Type of contact
LFD: Right-angle through hole type,
female
➅ Earth lock pin (provided with
board lock mechanism)
➆ Provided with shell connection
reinforcement
➇ Provided with protection cover
for contacts and bends
➈ Lock screw
Blank: None
SL
: Provided (Thickness of panel: 1.12 mm)
Mating connector: HDRA series IDC type male cable connector, or straddle SMT type male connector
➈
➂
➄
➃
➅
➀
➁
➇
➆
42.7
37.7
31.65
28.3
0.8≈33=26.1
32.35
2.02
2.02
37.7
±0.1
34.7
POS.#2
POS.#68
POS.#68
(CN1)
(CN1)
(CN1)
(CN2)
(CN2)
POS.#1
POS. #1
POS. #2
(CN2)
R
0.3
5.08
1.15
1.15
1.15
1.2
1.15
5.3
1.2
● Components
➀ Bracket
➁ Contacts
➂ Insulator
➃ Shell
➄ Square nuts
➅ Lock screw
➆ Board lock pin
➇ Shell connector
➈ Protection covers
Recommended panel cut-out dimensions
Recommended PCB layout
t=1.6mm or 2.4mm
Edge of PCB
(CN1)
(CN2)
POS.#1
POS.#68
32.35
6-ø1.2
PAD ø1
PAD ø2.25
POS.
#1(CN2)
POS.
#2(CN2)
2.02 2.98
0.8≈33=26.4
2.78
1.6
1.6
POS.#67(CN1)
136-ø0.65
POS.#68(CN1)
0.4
0.8
±0.03
±0.03
±0.03
±0.03
±0.05
±0.05
±0.1
±0.1
±0.03
±0.03
±0.03
±0.05
±0.1
±0.05
0.8≈33=26.4
(P.T.H.)
(P.T.H.)
25˚
(Four lock screws are supplied with a connector.)
Select the connector according to panel
thickness. For the application without
panel, use washers or special lock
screw (P/N: HDRA-E68LFD-7C).
≠0.1
–0
Others
Wire
wrapping
Crimping
Soldering
IDC
Press-in
SMT
Through
hole



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com