Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29F800B-120EEB Datasheet(PDF) 41 Page - Advanced Micro Devices

Part # AM29F800B-120EEB
Description  8 Megabit (1,048,576 x 8-Bit/524,288 x 16-Bit) CMOS 5.0 Volt-only, Sector Erase Flash Memory
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F800B-120EEB Datasheet(HTML) 41 Page - Advanced Micro Devices

Back Button AM29F800B-120EEB Datasheet HTML 33Page - Advanced Micro Devices AM29F800B-120EEB Datasheet HTML 34Page - Advanced Micro Devices AM29F800B-120EEB Datasheet HTML 35Page - Advanced Micro Devices AM29F800B-120EEB Datasheet HTML 36Page - Advanced Micro Devices AM29F800B-120EEB Datasheet HTML 37Page - Advanced Micro Devices AM29F800B-120EEB Datasheet HTML 38Page - Advanced Micro Devices AM29F800B-120EEB Datasheet HTML 39Page - Advanced Micro Devices AM29F800B-120EEB Datasheet HTML 40Page - Advanced Micro Devices AM29F800B-120EEB Datasheet HTML 41Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 41 / 41 page
background image
8/18/97
Am29F800T/Am29F800B
41
PR E L IM IN A R Y
REVISION SUMMARY FOR Am29F800
Distinctive Characteristics:
High Performance: The fastest speed option available
is now 70 ns.
Enhanced power management for standby mode:
Changed typical standby current to 1
µA.
General Description:
Added 70 ns speed option.
Product Selector Guide:
Added -70 column.
Pin Configuration:
Added -70 speed option.
Ordering Information, Standard Products:
The -70 speed option is now listed in the example.
Valid Combinations: Added combinations for the -70
speed option.
Table 7, Command Definitions:
Corrected byte addresses for unlock and command cy-
cles from “2AA” to “AAA”.
In the previous data sheet revision, the addresses for
command definitions were shortened from four hexa-
decimal digits to three. The more accurately represents
the actual address bits required, A10–A0. The remain-
ing upper address bits are don’t cares.
The new address is compatible with the previous four-
digit definition of “AAAA”; the only difference is that the
highest-order hexadecimal digit “A” is now “don’t care”.
In fact, software programs written using the previous
four-digit definitions do not require any changes; they
remain completely compatible with the new three-digit
definitions.
The addresses for the byte-mode read cycles (fourth
cycle) in the autoselect mode are corrected from 01h to
02h for device ID, and from SAX02h to SAX04h for
sector protect verification.
Note 5 is clarified.
Operating Ranges:
VCC Supply Voltages: Added -70 speed option to the
list.
DC Characteristics:
CMOS Compatible: Added column for typical ICC spec-
ifications. Revised max ICC specifications.
AC Characteristics:
Read Only Operations Characteristics: Added the -70
column and test conditions.
Test Conditions, Figure 7:
Changed speed option in first CL statement to -70.
AC Characteristics:
Write/Erase/Program Operations, Alternate CE Con-
trolled Writes: Added the -70 column; revised word/
byte programming and sector erase specifications.
Erase and Programming Performance:
Revised specifications.
Trademarks
Copyright © 1997 Advanced Micro Devices, Inc. All rights reserved.
AMD, the AMD logo, and combinations thereof, and ExpressFlash are trademarks of Advanced Micro Devices, Inc.
Product names used in this publication are for identification purposes only and may be trademarks of their respective companies.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com