Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GLT6400L08LL-85ST Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # GLT6400L08LL-85ST
Description  Ultra Low Power 512k x 8 CMOS SRAM
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GLT6400L08LL-85ST Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button GLT6400L08LL-85ST Datasheet HTML 2Page - List of Unclassifed Manufacturers GLT6400L08LL-85ST Datasheet HTML 3Page - List of Unclassifed Manufacturers GLT6400L08LL-85ST Datasheet HTML 4Page - List of Unclassifed Manufacturers GLT6400L08LL-85ST Datasheet HTML 5Page - List of Unclassifed Manufacturers GLT6400L08LL-85ST Datasheet HTML 6Page - List of Unclassifed Manufacturers GLT6400L08LL-85ST Datasheet HTML 7Page - List of Unclassifed Manufacturers GLT6400L08LL-85ST Datasheet HTML 8Page - List of Unclassifed Manufacturers GLT6400L08LL-85ST Datasheet HTML 9Page - List of Unclassifed Manufacturers GLT6400L08LL-85ST Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
G -LINK
GLT6400L08
Ultra Low Power 512k x 8 CMOS SRAM
Feb 2001(Rev. 1.1)
G-Link Technology Corporation
2701 Northwestern Parkway
Santa Clara, CA 95051, U.S.A.
G-Link Technology Corporation, Taiwan
6F No. 24-2, Industry E. RD. IV, Science Based
Industrial Park, Hsin Chu, Taiwan.
- 8 -
Notes :
1.
L-version includes this feature.
2.
This Parameter is samples and not 100% tested.
3.
For test conditions, see AC Test Condition.
4.
This parameter is tested with CL = 5pF. Transition is measured
± 500mV from steady – state voltage.
5.
This parameter is guaranteed, but is not tested.
6.
WE
is HIGH for read cycle.
7.
CE1
and OE
are LOW and for read cycle.
8.
Address valid prior to or coincident with CE1
transition LOW .
9.
All read cycle timings are referenced from the last valid address to the first transition address.
10.
CE1
or WE must be HIGH during address transition.
11. All write cycle timings are referenced from the last valid address to the first transition address.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com