Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D-M9BWMAPC Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # D-M9BWMAPC
Description  Applicable Cylinder Series
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

D-M9BWMAPC Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button D-M9BWMAPC Datasheet HTML 17Page - List of Unclassifed Manufacturers D-M9BWMAPC Datasheet HTML 18Page - List of Unclassifed Manufacturers D-M9BWMAPC Datasheet HTML 19Page - List of Unclassifed Manufacturers D-M9BWMAPC Datasheet HTML 20Page - List of Unclassifed Manufacturers D-M9BWMAPC Datasheet HTML 21Page - List of Unclassifed Manufacturers D-M9BWMAPC Datasheet HTML 22Page - List of Unclassifed Manufacturers D-M9BWMAPC Datasheet HTML 23Page - List of Unclassifed Manufacturers D-M9BWMAPC Datasheet HTML 24Page - List of Unclassifed Manufacturers D-M9BWMAPC Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 92 page
background image
Weight
Auto switch model
0.5 m (
Nil)
3 m (
L)
5 m (
Z)
D-Y59B D-Y69B
D-Y69A
D-Y59A
D-Y7P(V)
9
50
83
10
53
87
(g)
Lead wire length
Note 1) Refer to page 1584 for solid state auto switch common specifications.
Note 2) Refer to page 1584 for lead wire lengths.
Most sensitive position
Grommet
Using flexible cable as
standard spec.
2 cores (Brown/Blue)
Auto switch model
D-Y9A
D-Y7P
D-Y9B
3 cores (Brown/Blue/Black)
Sheath
Insulator
Conductor
Outside diameter [mm]
Number of cores
Outside diameter [mm]
Effective area [mm2]
Strand diameter [mm]
Minimum bending radius [mm] (Reference values)
ø3.4
ø1.0
0.15
ø0.05
21
Oilproof Flexible Heavy-duty Lead Wire Specifications
RoHS
Auto Switch Specifications
Electrical entry direction
Wiring type
Output type
Applicable load
Power supply voltage
Current consumption
Load voltage
Load current
Internal voltage drop
Leakage current
Indicator light
Standard
D-Y5
, D-Y6, D-Y7P, D-Y7PV (With indicator light)
D-Y59A
In-line
Red LED illuminates when turned ON.
CE marking, RoHS
D-Y69A
Perpendicular
D-Y69B
Perpendicular
D-Y7PV
Perpendicular
D-Y59B
In-line
D-Y7P
In-line
Refer to SMC website for the details of
the products conforming to the
international standards.
PLC: Programmable Logic Controller
1.5 V or less
(0.8 V or less
at 10 mA load current)
100
µA or less at 24 VDC
2-wire
—
24 VDC relay, PLC
—
—
24 VDC (10 to 28 VDC)
2.5 to 40 mA
4 V or less
0.8 mA or less at 24 VDC
NPN
28 VDC or less
40 mA or less
PNP
—
80 mA or less
0.8 V or less
IC circuit, Relay, PLC
5, 12, 24 VDC (4.5 to 28 VDC)
10 mA or less
3-wire
Dimensions
(mm)
D-Y59A/D-Y7P/D-Y59B
D-Y69A/D-Y7PV/D-Y69B
2.5
29
12.5
27.3
12.5
2.5
ø3.4
Most sensitive position
M2.5 x 4 L
Slotted set screw
Slotted set screw
Indicator light
Indicator light
Most sensitive position
M2.5 x 4 L
Auto switch model
1594
A
B
A
B
Solid State Auto Switch
Direct Mounting Type
D-Y59 /D-Y69 /D-Y7P(V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com