Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP-01 Datasheet(PDF) 71 Page - List of Unclassifed Manufacturers

Part # IP-01
Description  Applicable Cylinder Series
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

IP-01 Datasheet(HTML) 71 Page - List of Unclassifed Manufacturers

Back Button IP-01 Datasheet HTML 67Page - List of Unclassifed Manufacturers IP-01 Datasheet HTML 68Page - List of Unclassifed Manufacturers IP-01 Datasheet HTML 69Page - List of Unclassifed Manufacturers IP-01 Datasheet HTML 70Page - List of Unclassifed Manufacturers IP-01 Datasheet HTML 71Page - List of Unclassifed Manufacturers IP-01 Datasheet HTML 72Page - List of Unclassifed Manufacturers IP-01 Datasheet HTML 73Page - List of Unclassifed Manufacturers IP-01 Datasheet HTML 74Page - List of Unclassifed Manufacturers IP-01 Datasheet HTML 75Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 92 page
background image
2
24.5
(22)
2.8
4
10
( ): dimensions for D-A96.
D-A90 without indicator light
Indicator light
ø2.7
10
Most sensitive position
2
22
6
D-A90V without indicator light
Indicator light
Most sensitive
position
Auto switch model
Sheath
Insulator
Conductor
Outside diameter [mm]
Number of cores
Outside diameter [mm]
Effective area [mm2]
Strand diameter [mm]
Lead wire minimum bending radius [mm] (Reference values)
Grommet
D-A90, D-A90V (Without indicator light)
Auto switch model
Applicable load
Load voltage
Maximum load current
Internal circuit∗
Contact protection circuit
Internal resistance
Standard
D-A93, D-A93V, D-A96, D-A96V (With indicator light)
Auto switch model
Applicable load
Load voltage
Load current range and
Maximum load current (3)
Internal circuit∗
Contact protection circuit
Internal voltage drop
Indicator light
Standard
D-A90, D-A90V
IC circuit, Relay, PLC
r
None
1
Ω or less (Including lead wire length of 3 m)
CE marking
D-A93, D-A93V
Relay, PLC
e
24 VDC(4)
5 to 40 mA
None
D-A93: 2.4 V or less (up to 20 mA)/3 V or less (up to 40 mA)
D-A93V: 2.7 V or less
Red LED illuminates when turned ON.
CE marking
100 VAC
5 to 20 mA
D-A96, D-A96V
IC circuit
4 to 8 VDC
t
20 mA
0.8 V or less
Model
D-A90
6
—
30
—
D-A90V
6
—
30
—
D-A93
6
11
30
47
D-A93V
6
—
30
47
D-A96
8
—
41
—
D-A96V
8
—
41
—
Weight
D-A90/D-A93/D-A96
D-A90V/D-A93V/D-A96V
Lead wire length
0.5 m
(Nil)
1 m
(
M)
3 m
(
L)
5 m
(
Z)
Slotted set screw
M2.5 x 4 L
Slotted set screw
M2.5 x 4 L
∗ Refer to the applicable internal circuit diagram (numbers q to u) on page 1587.
Note 1) Refer to page 1584 for reed auto switch common specifications.
Note 2) Refer to page 1584 for lead wire lengths.
Note 3) Under 5 mA, the strength of the indicator light is poor. In some cases, visibility of the indicator
light will not be possible where the output signal is less than 2.5 mA. However, there is no
problem in terms of contact output, when an output signal exceeds 1 mA or more.
Note 4) The auto switches can operate at 12 VDC, but consider the internal voltage drop of the auto
switch described in Reed Auto Switch Precautions on page 12.
Dimensions
(mm)
3 cores (Brown/Blue/Black)
ø0.91
0.15
D-A90(V)
D-A93(V)
D-A96(V)
2 cores (Brown/Blue)
ø0.96
0.18
ø2.7
ø0.08
17
Oilproof Heavy-duty Lead Wire Specifications
Refer to SMC website for the details of
the products conforming to the
international standards.
Fix the auto switch with the existing screw
installed on the auto switch body. The auto
switch may be damaged if a screw other
than the one supplied is used.
Precautions
Caution
Auto Switch Specifications
PLC: Programmable Logic Controller
24 V
or less
50 mA
48 V
or less
40 mA
100 V
or less
20 mA
AC
DC
AC
DC
AC
DC
Reed Auto Switch
Direct Mounting Type
D-A90(V)/D-A93(V)/D-A96(V)
D-A90 (V)
D-A93V
D-A96 (V)
D-A93
1652
(g)
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com