Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HZP9C2N Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # HZP9C2N
Description  SafeSite® LED Area Light for Indoor and Outdoor Hazardous Locations
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

HZP9C2N Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button HZP9C2N Datasheet HTML 4Page - List of Unclassifed Manufacturers HZP9C2N Datasheet HTML 5Page - List of Unclassifed Manufacturers HZP9C2N Datasheet HTML 6Page - List of Unclassifed Manufacturers HZP9C2N Datasheet HTML 7Page - List of Unclassifed Manufacturers HZP9C2N Datasheet HTML 8Page - List of Unclassifed Manufacturers HZP9C2N Datasheet HTML 9Page - List of Unclassifed Manufacturers HZP9C2N Datasheet HTML 10Page - List of Unclassifed Manufacturers HZP9C2N Datasheet HTML 11Page - List of Unclassifed Manufacturers HZP9C2N Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Class I, Div 2 Models
SafeSite
® LED Area Light
Mounting Height
Lumens
Wattage
lm/W
Mounting Heights
7,000
69
101
20’
10’
6,000
58
103
5,000
48
104
4,000
38
105
2,200
21
105
Iso-Illuminance
Candela Plots
HZD8C2N - 180
o Pattern
180
o Pattern Mounted at 45o
Mounting
Height
Multiplier
10
4.000
15’
1.778
20’
1.000
25’
0.640
Examples shown are mounted at 20 ft
Distance of grid is equal to Mounting Height
HZD9C2N - 360
o Pattern
360
o Optical Pattern
Mounting
Height
Multiplier
10
4.000
15’
1.778
20’
1.000
25’
0.640
Examples shown are mounted at 20 ft
Distance of grid is equal to Mounting Height
HZD4C2N - 180
o Pattern
180
o Pattern Mounted at 45o
Mounting
Height
Multiplier
10
2.250
15’
1.000
20’
0.563
25’
0.360
Examples shown are mounted at 15 ft
Distance of grid is equal to Mounting Height
www.dialight.com
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com