Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DBF310 Datasheet(PDF) 1 Page - Nanjing International Group Co

Part # DBF310
Description  FAST RECOVERY SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

DBF310 Datasheet(HTML) 1 Page - Nanjing International Group Co

  DBF310 Datasheet HTML 1Page - Nanjing International Group Co DBF310 Datasheet HTML 2Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
310
250
500
nS
DBF
                 
Case: DBF, Molded Plastic
Characteristic
High Surge Current Capability
Glass Passivated Die Construction
Designed for Surface Mount Application
MIL-STD-202, Method 208
Features
!
!
Low Forward Voltage Drop
!
High Current Capability
!
!
!
Plastic Material – UL Flammability 94V-O
Mechanical Data
!
!
MIL-STD-202, Method 208
!
Polarity: As Marked on Case
!
Mounting Position: Any
!
Marking: Type Number
Maximum Ratings and Electrical Characteristics @T
Aerwise specified
Single Phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Note: 1. Mounted on glass epoxy PC board with 1.3mm2 solder pad.
2. Mounted on aluminum substrate PC board with 1.3mm2 solder pad.
3. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C.
DONGGUAN NANJING ELECTRONICS LTD.,
1 of 2
!
Lead Free: For RoHS / Lead Free Version
Terminals: Plated Leads Solderable per
35
70
140
280
420
560
700
V
50
100
200
400
600
800
1000
V
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
RMS Reverse Voltage
VR(RMS)
Average Rectified Output Current (Note 1) @TA = 40°C
Average Rectified Output Current (Note 2) @TA = 40°C
IO
A
Non-Repetitive Peak Forward Surge Current 8.3ms
Single half sine-wave superimposed on rated load
(JEDEC Method)
IFSM
105
A
I2t Rating for Fusing (t < 8.3ms)
I2t
A2s
Forward Voltage per element
@IF = 3.0A
VFM
1.25
V
Peak Reverse Current
@TA = 25°C
At Rated DC Blocking Voltage
@TA = 125°C
IRM
5.0
500
µA
Typical Junction Capacitance per leg (Note 3)
Cj
35
pF
Typical Thermal Resistance per leg (Note 1)
RJA
RJL
55.0
15
°C/W
Operating and Storage Temperature Range
Tj, TSTG
-55 to +150
°C
www.dgnjdz.com
Unit
Symbol
3005
DBF
301
DBF
302
DBF
304
DBF
306
DBF
308
DBF
Reverse Recovery Time (Note 4)
trr
4. Measured with IF = 0.5A, IR = 1.0A, IRR = 0.25A. See figure 5.
150
3.0
                 
DBF30
05 – DBF310
FAST RECOVERY SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
                 
Dimensions in inches and (millimeters)
MSBL
45.8


Similar Part No. - DBF310

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DBF310 DIODES-DBF310 Datasheet
553Kb / 5P
3A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
Rev 3
logo
Zibo Seno Electronic En...
DBF310 ZSELEC-DBF310 Datasheet
162Kb / 2P
3.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Diodes Incorporated
DBF310-13 DIODES-DBF310-13 Datasheet
553Kb / 5P
3A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
Rev 3
More results

Similar Description - DBF310

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
RH02 DIODES-RH02_15 Datasheet
75Kb / 3P
0.5A SURFACE MOUNT GLASS PASSIVATED FAST RECOVERY BRIDGE RECTIFIER
Rev erse
logo
Zibo Seno Electronic En...
RABS05 ZSELEC-RABS05 Datasheet
136Kb / 2P
FAST RECOVERY SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
RABS205 ZSELEC-RABS205 Datasheet
136Kb / 2P
FAST RECOVERY SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
RABS1505 ZSELEC-RABS1505 Datasheet
136Kb / 2P
FAST RECOVERY SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
RMB05F ZSELEC-RMB05F Datasheet
88Kb / 2P
FAST RECOVERY SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
RMB05S ZSELEC-RMB05S Datasheet
137Kb / 2P
FAST RECOVERY SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
R05S ZSELEC-R05S Datasheet
138Kb / 2P
0.8A FAST RECOVERY SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Vishay Siliconix
MB2S VISHAY-MB2S_V01 Datasheet
106Kb / 5P
Miniature Glass Passivated Fast Recovery Surface-Mount Bridge Rectifier
04-Aug-2020
logo
Nanjing International G...
RTMBF305 DGNJDZ-RTMBF305 Datasheet
256Kb / 2P
FAST RECOVERY SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
RTMBF805 DGNJDZ-RTMBF805 Datasheet
284Kb / 2P
FAST RECOVERY SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com