Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF210S Datasheet(PDF) 2 Page - Nanjing International Group Co

Part # DF210S
Description  DFS Plastic-Encapsulate Bridge Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

DF210S Datasheet(HTML) 2 Page - Nanjing International Group Co

  DF210S Datasheet HTML 1Page - Nanjing International Group Co DF210S Datasheet HTML 2Page - Nanjing International Group Co DF210S Datasheet HTML 3Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Typical Characteristics
Ta℃)
Number of Cycles
FIG.2:MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT
FIG.3: TYPICAL FORWARD CHARACTERISTICS
FIG.4:TYPICAL REVERSE CHARACTERISTICS
0
0
160
sine wave R-load
free in air
40
80
120
0.8
1.6
2.0
2.4
1
0
2
5
10
20
50
100
10
non-repetitive
Tj=25℃
20
30
40
50
60
70
0.4
0.6
0.8
1.0
1.2
1.4
0.01
0.02
0.05
VF(V)
0.1
1
2
4
6
0.5
Ta=25℃
020
40
60
80
100
0.01
0.1
1.0
10
100
Voltage(%)
Tj=150℃
Tj=25℃
half sine wave
0
8.3ms
1cycle
8.3ms
2.8
3.2
Dongguan Nanjing Electronics Ltd.
www.dgnjdz.com
2/3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com