Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45R36 Datasheet(PDF) 13 Page - Holtek Semiconductor Inc

Part # HT45R36
Description  C/R to F Type 8-Bit OTP MCU
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45R36 Datasheet(HTML) 13 Page - Holtek Semiconductor Inc

Back Button HT45R36 Datasheet HTML 9Page - Holtek Semiconductor Inc HT45R36 Datasheet HTML 10Page - Holtek Semiconductor Inc HT45R36 Datasheet HTML 11Page - Holtek Semiconductor Inc HT45R36 Datasheet HTML 12Page - Holtek Semiconductor Inc HT45R36 Datasheet HTML 13Page - Holtek Semiconductor Inc HT45R36 Datasheet HTML 14Page - Holtek Semiconductor Inc HT45R36 Datasheet HTML 15Page - Holtek Semiconductor Inc HT45R36 Datasheet HTML 16Page - Holtek Semiconductor Inc HT45R36 Datasheet HTML 17Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
HT45R36
Rev. 1.00
13
September 28, 2006
tine execution will be delayed by one or more cycles. If
the wake-up results in the next instruction execution,
this will be executed immediately after the dummy pe-
riod is finished.
To minimise power consumption, all the I/O pins should
be carefully managed before entering the Power Down
mode.
Reset
There are three ways in which a reset can occur:
· RES reset during normal operation
· RES reset during HALT
· WDT time-out reset during normal operation
A WDT time-out, when the device is in the Power Down
mode, is different from other device reset conditions, in
that it can perform a
²warm reset² that resets only the
Program Counter and the SP, leaving the other circuits
in their original state. Some registers remain unchanged
during other reset conditions. Most registers are reset to
their
²initial condition² when the reset conditions are
met. By examining the PDF and TO flags, the program
can distinguish between the different device reset types.
TO PDF
RESET Conditions
0
0
RES reset during power-up
u
u
RES reset during normal operation
0
1
RES wake-up HALT
1
u
WDT time-out during normal operation
1
1
WDT wake-up HALT
Note:
²u² means ²unchanged²
To guarantee that the system oscillator is started and
stabilised, the SST or System Start-up Timer, provides
an extra-delay of 1024 system clock pulses when the
system is reset (power-up, WDT time-out or RES reset)
or when the system awakens from a Power Down state.
When a system reset occurs, the SST delay is added
during the reset period. Any wake-up from HALT will en-
able the SST delay.
An extra option load time delay is added during a system
reset (power-up, WDT time-out at normal mode or RES
reset).
The functional unit device reset status are shown below.
Program Counter
000H
Interrupt
Disable
Prescaler
Clear
WDT
Clear. After master reset,
WDT begins counting
Timer/Event Counter
Off
Input/Output Ports
Input mode
Stack Pointer
Points to the top of the stack
W a r m R e s e t
W D T
H A L T
C o l d
R e s e t
R E S
S y s t e m R e s e t
S S T
1 0 - b i t R i p p l e
C o u n t e r
O S C 1
Reset Configuration
R E S
V D D
1 0 0 k W
1 0 k W
0 . 1 m F *
0 . 0 1 m F *
Reset Circuit
Note:
²*² Make the length of the wiring, which is con-
nected to the RES pin as short as possible, to
avoid noise interference.
t S S T
R E S
V D D
S S T T i m e - o u t
C h i p R e s e t
Reset Timing Chart



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com