Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HZP8C2N Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # HZP8C2N
Description  SafeSite® LED Area Light for Indoor and Outdoor Hazardous Locations
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

HZP8C2N Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  HZP8C2N Datasheet HTML 1Page - List of Unclassifed Manufacturers HZP8C2N Datasheet HTML 2Page - List of Unclassifed Manufacturers HZP8C2N Datasheet HTML 3Page - List of Unclassifed Manufacturers HZP8C2N Datasheet HTML 4Page - List of Unclassifed Manufacturers HZP8C2N Datasheet HTML 5Page - List of Unclassifed Manufacturers HZP8C2N Datasheet HTML 6Page - List of Unclassifed Manufacturers HZP8C2N Datasheet HTML 7Page - List of Unclassifed Manufacturers HZP8C2N Datasheet HTML 8Page - List of Unclassifed Manufacturers HZP8C2N Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
1180° optical pattern models are optimized for a 45° mounting angle
2Part numbers listed in the above table are cool white. For neutral white model replace the 5th character with N Ex: HZF2C2N becomes HZF2N2N
3All lumen values are typical (tolerance +/- 10%)
4Part numbers listed in the above table are 100-277 VAC. For 347-480 VAC model replace the 6th character with 9 Ex: HZF2C9N
For Dialight’s complete list of DLC qualified products, please click this link: www.dialight.com/Assets/News_And_Events/DLC_Part_Number_List.xls
SafeSite
® LED Area Light
Ordering Information
www.dialight.com
5
Part Number CID1
CID2
CIID1
CIID2 CIIID1 CIIID2
Voltage
Group B
(Hydrogen)
Optical
Pattern
1
Lens
CCT
2
Lumen
3
Wattage LPW
Class I, Div 2 Fixtures - 100 - 277V AC
HZDFC2G
•
100 - 277V AC
360
Glass
CW
7,250
69
105
HZD9C2G
•
100 - 277V AC
360
Glass
CW
6,000
58
103
HZD5C2G
•
100 - 277V AC
360
Glass
CW
5,200
48
108
HZD3C2G
•
100 - 277V AC
360
Glass
CW
4,100
38
108
HZD1C2G
•
100 - 277V AC
360
Glass
CW
2,200
21
105
HZDFC2N
•
100 - 277V AC
360
Polycarbonate
CW
6,750
69
98
HZD9C2N
•
100 - 277V AC
360
Polycarbonate
CW
6,000
58
103
HZD5C2N
•
100 - 277V AC
360
Polycarbonate
CW
5,000
48
104
HZD3C2N
•
100 - 277V AC
360
Polycarbonate
CW
4,000
38
105
HZD1C2N
•
100 - 277V AC
360
Polycarbonate
CW
2,200
21
105
HZDEC2G
•
100 - 277V AC
180
Glass
CW
6,750
69
98
HZD8C2G
•
100 - 277V AC
180
Glass
CW
5,700
58
98
HZD4C2G
•
100 - 277V AC
180
Glass
CW
4,700
48
98
HZD2C2G
•
100 - 277V AC
180
Glass
CW
3,700
38
97
HZD0C2G
•
100 - 277V AC
180
Glass
CW
2,200
21
105
HZDEC2N
•
100 - 277V AC
180
Polycarbonate
CW
6,500
69
94
HZD8C2N
•
100 - 277V AC
180
Polycarbonate
CW
5,600
58
97
HZD4C2N
•
100 - 277V AC
180
Polycarbonate
CW
4,700
48
98
HZD2C2N
•
100 - 277V AC
180
Polycarbonate
CW
3,700
38
97
HZD0C2N
•
100 - 277V AC
180
Polycarbonate
CW
2,200
21
105
HZDWC2N
•
100 - 277V AC
Wide Throw Polycarbonate
CW
4,100
60
68



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com