Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HZP2C2N Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # HZP2C2N
Description  SafeSite® LED Area Light for Indoor and Outdoor Hazardous Locations
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

HZP2C2N Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button HZP2C2N Datasheet HTML 4Page - List of Unclassifed Manufacturers HZP2C2N Datasheet HTML 5Page - List of Unclassifed Manufacturers HZP2C2N Datasheet HTML 6Page - List of Unclassifed Manufacturers HZP2C2N Datasheet HTML 7Page - List of Unclassifed Manufacturers HZP2C2N Datasheet HTML 8Page - List of Unclassifed Manufacturers HZP2C2N Datasheet HTML 9Page - List of Unclassifed Manufacturers HZP2C2N Datasheet HTML 10Page - List of Unclassifed Manufacturers HZP2C2N Datasheet HTML 11Page - List of Unclassifed Manufacturers HZP2C2N Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
www.dialight.com
Iso-Illuminance
Candela Plots
SafeSite
® LED Area Light
Measurement Data
Class I, Div 1 Models
HZC8C2N - 180
o Pattern
180
o Pattern Mounted at 45o
Mounting
Height
Multiplier
10’
4.000
15’
1.778
20’
1.000
25’
0.640
Examples shown are mounted at 20 ft
Distance of grid is equal to Mounting Hieght
HZC9C2N - 360
o Pattern
360
o Optical Pattern
Mounting
Height
Multiplier
10’
4.000
15’
1.778
20’
1.000
25’
0.640
Examples shown are mounted at 20 ft
Distance of grid is equal to Mounting Height
HZC4C2N - 180
o Pattern
180
o Pattern Mounted at 45o
Mounting
Height
Multiplier
10’
2.250
15’
1.000
20’
0.563
25’
0.360
Examples shown are mounted at 15ft
Distance of grid is equal to Mounting Height
HZC5C2N - 360
o Pattern
360
o Optical Pattern
Mounting
Height
Multiplier
10’
2.250
15’
1.000
20’
0.563
25’
0.360
Examples shown are mounted at 15 ft
Distance of grid is equal to Mounting Height
12
Dialight reserves the right to make changes at any time in order to supply the best product possible. The most current version of this
document will always be available at: www.dialight.com/Assets/Brochures_And_Catalogs/Illumination/MDTFHZHAZX001.pdf
Warranty Statement: EXCEPT FOR THE WARRANTY EXPRESSLY PROVIDED FOR [HEREIN/ABOVE/BELOW], DIALIGHT DISCLAIMS ANY AND ALL OTHER WARRANTIES, EXPRESS OR
IMPLIED, INCLUDING, WITHOUT LIMITATION, ANY WARRANTIES OF MERCHANTABILITY, FITNESS FOR A PARTICULAR PURPOSE, TITLE, AND NONINFRINGEMENT.
MDTFHZHAZX001_G



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com