Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RLS243 Datasheet(PDF) 1 Page - Nanjing International Group Co

Part # RLS243
Description  Plastic-Encapsulate Diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

RLS243 Datasheet(HTML) 1 Page - Nanjing International Group Co

  RLS243 Datasheet HTML 1Page - Nanjing International Group Co RLS243 Datasheet HTML 2Page - Nanjing International Group Co RLS243 Datasheet HTML 3Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Plastic-Encapsulate Diodes
RLS243/RLS244/RLS245FAST SWITCHING DIODE
Maximum Ratings and Electrical Characteristics, Single Diode @Ta=25
℃
Parameter
Symbol
RLS243
RLS244
RLS245
Unit
Non-Repetitive Peak Reverse Voltage
VRM
120
200
250
V
Peak Repetitive Peak Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
100
1
50
2
50
V
RMS Reverse Voltage
VR(RMS)
84
10
5
220
V
Forward Continuous Current
IFM
800
mA
Average Rectified Output Current
IO
200
mA
Peak Forward Surge Current @t=1.0ms
@t=1.0s
IFSM
2.5
0.5
A
Repetitive Peak Forward Current
IFRM
625
mA
Power Dissipation
Pd
500
mW
Thermal Resistance Junction to
Ambient
RθJA
250
℃
/W
Storage Temperature
TSTG
-
55~+150
℃
Electrical Ratings @Ta=25
℃
Parameter
Symbol
Min
Typ
Max
Unit
Conditions
VF1
1.0
IF=0.1A
Forward voltage
VF2
1.25
V
IF=0.2A
0.1
VR=100V
0.1
VR=150V
Reverse current
RLS243
RLS244
RLS245
IR
0.1
μA
VR=200V
Capacitance between terminals
CT
5
pF
VR=0V,f=1MHz
Reverse recovery time
trr
75
ns
IF=IR=30mA
Irr=0.1XIR,RL=100Ω
DONGGUAN NANJING ELECTRONICS LTD.,
LL-34
LL-34
Dongguan Nanjing Electronics Ltd.
www.dgnjdz.com
1/3


Similar Part No. - RLS243

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
RLS244 SEMTECH_ELEC-RLS244 Datasheet
121Kb / 1P
SILICON EPITAXIAL PLANAR DIODE
RLS244 SEMTECH_ELEC-RLS244 Datasheet
348Kb / 1P
Silicon Epitaxial Planar Diode
RLS244 SEMTECH_ELEC-RLS244_V01 Datasheet
348Kb / 1P
Silicon Epitaxial Planar Diode
logo
Rohm
RLS245 ROHM-RLS245 Datasheet
56Kb / 2P
Switching diode
logo
Semtech Corporation
RLS245 SEMTECH-RLS245 Datasheet
62Kb / 1P
Silicon Expitaxial Planar Diode?
More results

Similar Description - RLS243

ManufacturerPart #DatasheetDescription
logo
GUANGDONG HOTTECH INDUS...
BAV19W HOTTECH-BAV19W Datasheet
350Kb / 2P
Plastic-Encapsulate Diodes
SD103AW HOTTECH-SD103AW Datasheet
160Kb / 2P
Plastic-Encapsulate Diodes
MMBZ52XXB HOTTECH-MMBZ52XXB Datasheet
416Kb / 3P
Plastic-Encapsulate Diodes
S2A HOTTECH-S2A Datasheet
304Kb / 2P
Plastic-Encapsulate Diodes
1SS184 HOTTECH-1SS184 Datasheet
201Kb / 2P
Plastic-Encapsulate Diodes
1SS196 HOTTECH-1SS196 Datasheet
208Kb / 2P
Plastic-Encapsulate Diodes
B5817W HOTTECH-B5817W Datasheet
294Kb / 2P
Plastic-Encapsulate Diodes
BAT54WS HOTTECH-BAT54WS Datasheet
202Kb / 2P
Plastic-Encapsulate Diodes
1N4148WS HOTTECH-1N4148WS Datasheet
91Kb / 2P
Plastic-Encapsulate Diodes
logo
SHENZHEN SLS TECHNOLOGY...
1SS181 SHENZHENSLS-1SS181 Datasheet
208Kb / 2P
Plastic-Encapsulate Diodes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com