Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDRH127C/A Datasheet(PDF) 21 Page - Sumida Corporation

Part # CDRH127C/A
Description  GENERAL PRODUCTS CATALOG
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDRH127C/A Datasheet(HTML) 21 Page - Sumida Corporation

Back Button CDRH127C/A Datasheet HTML 17Page - Sumida Corporation CDRH127C/A Datasheet HTML 18Page - Sumida Corporation CDRH127C/A Datasheet HTML 19Page - Sumida Corporation CDRH127C/A Datasheet HTML 20Page - Sumida Corporation CDRH127C/A Datasheet HTML 21Page - Sumida Corporation CDRH127C/A Datasheet HTML 22Page - Sumida Corporation CDRH127C/A Datasheet HTML 23Page - Sumida Corporation CDRH127C/A Datasheet HTML 24Page - Sumida Corporation CDRH127C/A Datasheet HTML 25Page - Sumida Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 156 page
background image
21
OUTLINE
Winding type chip inductor of 4532 size.
CSLF3226B
DIMENSIONS (mm)
SCHEMATICS
LAND PATTERNS (mm)
Specifications
CSLF3226B-1R0MC
CSLF3226B-1R2MC
CSLF3226B-1R5MC
CSLF3226B-1R8MC
CSLF3226B-2R2MC
CSLF3226B-2R7MC
CSLF3226B-3R3MC
CSLF3226B-3R9MC
CSLF3226B-4R7KC
CSLF3226B-5R6KC
CSLF3226B-6R8KC
CSLF3226B-8R2KC
CSLF3226B-100KC
CSLF3226B-120KC
CSLF3226B-150KC
CSLF3226B-180KC
CSLF3226B-220KC
CSLF3226B-270KC
CSLF3226B-330KC
CSLF3226B-390KC
CSLF3226B-470KC
CSLF3226B-560KC
CSLF3226B-680KC
CSLF3226B-820KC
CSLF3226B-101KC
CSLF3226B-121KC
CSLF3226B-151KC
CSLF3226B-181KC
CSLF3226B-221KC
CSLF3226B-271KC
CSLF3226B-331KC
CSLF3226B-391KC
CSLF3226B-471KC
CSLF3226B-561KC
CSLF3226B-681KC
CSLF3226B-821KC
CSLF3226B-102KC
CSLF3226B-122KC
CSLF3226B-152KC
CSLF3226B-182KC
CSLF3226B-222KC
Part No.
1.0
µH ± 20%
1.2
µH ± 20%
1.5
µH ± 20%
1.8
µH ± 20%
2.2
µH ± 20%
2.7
µH ± 20%
3.3
µH ± 20%
3.9
µH ± 20%
4.7
µH ± 10%
5.6
µH ± 10%
6.8
µH ± 10%
8.2
µH ± 10%
10
µH ± 10%
12
µH ± 10%
15
µH ± 10%
18
µH ± 10%
22
µH ± 10%
27
µH ± 10%
33
µH ± 10%
39
µH ± 10%
47
µH ± 10%
56
µH ± 10%
68
µH ± 10%
82
µH ± 10%
100
µH ± 10%
120
µH ± 10%
150
µH ± 10%
180
µH ± 10%
220
µH ± 10%
270
µH ± 10%
330
µH ± 10%
390
µH ± 10%
470
µH ± 10%
560
µH ± 10%
680
µH ± 10%
820
µH ± 10%
1000
µH ± 10%
1200
µH ± 10%
1500
µH ± 10%
1800
µH ± 10%
2200
µH ± 10%
Inductance
Max. 0.20
Ω
Max. 0.20
Ω
Max. 0.30
Ω
Max. 0.30
Ω
Max. 0.30
Ω
Max. 0.32
Ω
Max. 0.35
Ω
Max. 0.38
Ω
Max. 0.40
Ω
Max. 0.48
Ω
Max. 0.50
Ω
Max. 0.56
Ω
Max. 0.56
Ω
Max. 0.62
Ω
Max. 0.73
Ω
Max. 0.82
Ω
Max. 0.94
Ω
Max. 1.10
Ω
Max. 1.20
Ω
Max. 1.40
Ω
Max. 1.50
Ω
Max. 1.70
Ω
Max. 1.90
Ω
Max. 2.20
Ω
Max. 2.50
Ω
Max. 3.00
Ω
Max. 3.70
Ω
Max. 4.50
Ω
Max. 5.40
Ω
Max. 6.80
Ω
Max. 8.20
Ω
Max. 9.70
Ω
Max. 11.8
Ω
Max. 14.5
Ω
Max. 17.0
Ω
Max. 20.5
Ω
Max. 25.0
Ω
Max. 30.0
Ω
Max. 37.0
Ω
Max. 45.0
Ω
Max. 50.0
Ω
D.C.R
Min. 20
Min. 20
Min. 20
Min. 20
Min. 20
Min. 20
Min. 20
Min. 20
Min. 30
Min. 30
Min. 30
Min. 30
Min. 35
Min. 35
Min. 35
Min. 35
Min. 35
Min. 35
Min. 35
Min. 35
Min. 35
Min. 35
Min. 35
Min. 35
Min. 40
Min. 40
Min. 40
Min. 40
Min. 40
Min. 40
Min. 40
Min. 40
Min. 40
Min. 40
Min. 40
Min. 40
Min. 40
Min. 40
Min. 40
Min. 40
Min. 40
Unloaded Q
Min. 120MHz
Min. 100MHz
Min. 85MHz
Min. 75MHz
Min. 62MHz
Min. 53MHz
Min. 47MHz
Min. 41MHz
Min. 38MHz
Min. 36MHz
Min. 31MHz
Min. 27MHz
Min. 23MHz
Min. 21MHz
Min. 19MHz
Min. 17MHz
Min. 15MHz
Min. 14MHz
Min. 12MHz
Min. 11MHz
Min. 10MHz
Min. 9.3MHz
Min. 8.4MHz
Min. 7.5MHz
Min. 6.8MHz
Min. 6.2MHz
Min. 5.5MHz
Min. 5.0MHz
Min. 4.5MHz
Min. 4.0MHz
Min. 3.6MHz
Min. 3.3MHz
Min. 3.0MHz
Min. 2.7MHz
Min. 2.5MHz
Min. 2.2MHz
Min. 2.0MHz
Min. 1.8MHz
Min. 1.6MHz
Min. 1.5MHz
Min. 1.3MHz
Self Resonance
Frequency
500mA
500mA
500mA
500mA
500mA
500mA
500mA
500mA
500mA
500mA
450mA
450mA
400mA
380mA
360mA
340mA
320mA
300mA
270mA
240mA
220mA
200mA
180mA
170mA
160mA
150mA
130mA
120mA
110mA
100mA
95mA
90mA
80mA
70mA
65mA
60mA
50mA
45mA
40mA
35mA
30mA
Rated Current
Condition A
Condition A
Condition A
Condition A
Condition A
Condition A
Condition A
Condition A
Condition A
Condition A
Condition A
Condition A
Condition A
Condition A
Condition A
Condition A
Condition A
Condition A
Condition A
Condition A
Condition A
Condition A
Condition A
Condition A
Condition B
Condition B
Condition B
Condition B
Condition B
Condition B
Condition B
Condition B
Condition B
Condition B
Condition B
Condition B
Condition C
Condition C
Condition C
Condition C
Condition C
Measuring Condition
• Features
•
The chip inductor CSLF3226B series consists of miniature chip inductors
wound on a special ferrite core.
•
It has a high Q value at high frequencies and low DCR.
•
Apply for mini-type power circuit and signal circuit.
•
Low THD for signal circuit.
Notes :
* In order to prevent short-circuiting, a solder resist is recommended.
BOTTOM VIEW
1. Measuring condition A : Inductance measuring at 1MHz, 0.1Vrms, Qu measuring at 1MHz, 0.1Vrms, 1.0
µH ~ 82µH
2. Measuring condition B : Inductance measuring at 1MHz, 0.1Vrms, Qu measuring at 796kHz, 0.1Vrms, 100
µH ~ 820µH
3. Measuring condition C : Inductance measuring at 1kHz, 0.1Vrms, Qu measuring at 252kHz, 0.1Vrms, 1000
µH ~ 2200µH
4. Rating current : this indicates the value of current when the inductance is 10% lower than its initial value at DC superposition of DC current when
∆T=40°C whichever is lower.(Ta=20°C)
5. Operating temperature range : -25
°C ~ 85°C.
Chip Inductor
Chip Inductor
Max. 3.5
Max. 3.0
4.0
Solder Resist
R1.0
S
F
/ 概要
4352サイズの巻線型チップインダクタ。
外形寸法図
結線図
推奨ランド寸法
/ 仕様
部品番号
インダクタンス
定格電流
自己共振周波数
無負荷Q
測定条件
/ 特徴
・特殊コアに巻線したCSLF3226Bシリーズの小型チップインダクタです。
・ハイQです。
・小型電源回路や信号回路に最適です。
・信号回路に対して低歪率です。
* ショート防止の為、ソルダレジスト推奨
/ 裏面図
Power Inductors for LED lighting
About CDH80D48, RPT109, RPT129
This specification might be changed without notice due to under developing and improving. Please contact us for our mass production schedule.Thank you for your understanding.
Inductance Range
CDH80D48
RPT109
RPT129
Measuring Freq.(L)100kHz
100
µH - 4.7mH
560
µH - 2.0mH
560
µH - 2.0mH
RPT129
PROVISIONAL
PROVISIONAL
PROVISIONAL
DIMENSIONS (mm)
CONNECTION
BOTTOM VIEW
Max.12.5
Max.10.0
3.5
6.8
裏面図
CDH80D48
NEW
DIMENSIONS (mm)
LAND PATTERNS (mm)
NEW
外形寸法図
Max.8.15
1.3 3.35
8.0
1.5
6.6
Max.5.0
推奨ランド寸法
RPT109
DIMENSIONS (mm)
BOTTOM VIEW
外形寸法図
裏面図
NEW
Max.10.0
3.5
5.6
Max.10.5
2
1
3
4
2
1
3
4
CONNECTION
本仕様は開発中につき、製品の改善等により記載内容を予告なく変更することがありますので、ご了承下さい。量産時期についてはお問合せ下さい。
/ インダクタンス範囲
/ インダクタンス測定周波数100kHz
外形寸法図
端子接続
端子接続



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com