Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS1420 Datasheet(PDF) 60 Page - Sumida Corporation

Part # CS1420
Description  GENERAL PRODUCTS CATALOG
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CS1420 Datasheet(HTML) 60 Page - Sumida Corporation

Back Button CS1420 Datasheet HTML 56Page - Sumida Corporation CS1420 Datasheet HTML 57Page - Sumida Corporation CS1420 Datasheet HTML 58Page - Sumida Corporation CS1420 Datasheet HTML 59Page - Sumida Corporation CS1420 Datasheet HTML 60Page - Sumida Corporation CS1420 Datasheet HTML 61Page - Sumida Corporation CS1420 Datasheet HTML 62Page - Sumida Corporation CS1420 Datasheet HTML 63Page - Sumida Corporation CS1420 Datasheet HTML 64Page - Sumida Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 156 page
background image
60
EE3330/EW
Application
Specifications
DC-DC Converter Transformers < PIN type & Multiple Output Transformers >
DIMENSIONS (mm)
CONSTRUCTION
Max. 30.0
22.5
Max. 33.5
4.0
EE2836/EW
EI3028/EW
Application
Specifications
DIMENSIONS (mm)
CONSTRUCTION
DIMENSIONS (mm)
CONSTRUCTION
Max. 26.5
20.0
Max. 36.5
4.5
Max. 28.5
4.5
Max. 26.0
20.0
磁気構造図
外形寸法図
磁気構造図
外形寸法図
: 41W(100kHz)
1. Switching regulator
: 41W(100kHz)
Max. Operating Power
Application
Specifications
1. Switching regulator
Max. Operating Power
1. Switching regulator
: 44W(100kHz)
Max. Operating Power
磁気構造図
外形寸法図
Application
Application
Specifications
EE3350/EW
EI4036/EW
DIMENSIONS (mm)
CONSTRUCTION
DIMENSIONS (mm)
CONSTRUCTION
Max. 34.0
22.5
Max. 50.5
4.0
Max. 33.0
Max. 36.5
4.5
25.0
1. Switching regulator
1. Switching regulator
: 58W(100kHz)
Max. Operating Power
磁気構造図
外形寸法図
磁気構造図
外形寸法図



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com