Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS05-181 Datasheet(PDF) 72 Page - Sumida Corporation

Part # PS05-181
Description  GENERAL PRODUCTS CATALOG
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

PS05-181 Datasheet(HTML) 72 Page - Sumida Corporation

Back Button PS05-181 Datasheet HTML 68Page - Sumida Corporation PS05-181 Datasheet HTML 69Page - Sumida Corporation PS05-181 Datasheet HTML 70Page - Sumida Corporation PS05-181 Datasheet HTML 71Page - Sumida Corporation PS05-181 Datasheet HTML 72Page - Sumida Corporation PS05-181 Datasheet HTML 73Page - Sumida Corporation PS05-181 Datasheet HTML 74Page - Sumida Corporation PS05-181 Datasheet HTML 75Page - Sumida Corporation PS05-181 Datasheet HTML 76Page - Sumida Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 156 page
background image
72
Specifications
CERH338
50W
IC-controlled type circuit
35kHz - 100kHz
1,800Vrms (3sec)
The inverter transformer is low profile and high power type, which is coped with many lights lighting for LCD-TV backlight power.
Characteristics
1. Low profile / High Power
2. Winding terminals and user terminals are separated to prevent the wire from breaking.
3. High temperature reflow soldering is permitted. (Pb free)
Application
1. Large size LCD-TV.
Type Name
Frequency Range
Max. Open Voltage
Max. Lamp Wattage
CERH338
DIMENSIONS (mm)
LAND PATTERNS (mm)
OUTLINE
64.0
46.0
4.0
2.7
2.7
20.2
Max.9.0
0.7
5.2
5.2
5.3
Max. 34.4
8.15
4-1.5
3.0
12.0
2-ø2.5
4.0
2-ø1.8
Inverter Transformers < High Reliability Inverter Transformers >
/ 仕様
大型液晶TV用バックライト電源の多灯点灯に対応した低背・大容量タイプのインバータトランスです。
/ 特徴
1. 低背・大容量
2. 断線対策として、二次側絡げ端子とユーザー端子を分割。
3. 高温リフローはんだ(鉛フリー)対応可。
/ 用途
1. 大型LCD-TV。
型名
適応周波数
最大開放電圧
最大管電力
(他励式)
外形寸法図
推奨ランド寸法
/ 概要



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com