Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSGS4M-RJ45S-4413-1M Datasheet(PDF) 2 Page - Turck, Inc.

Part # PSGS4M-RJ45S-4413-1M
Description  Compact Multiprotocol I/O Module for Ethernet 8 Universal Digital Channels, Configurable as PNP Inputs or 2 A Outputs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TURCK [Turck, Inc.]
Direct Link  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.

PSGS4M-RJ45S-4413-1M Datasheet(HTML) 2 Page - Turck, Inc.

  PSGS4M-RJ45S-4413-1M Datasheet HTML 1Page - Turck, Inc. PSGS4M-RJ45S-4413-1M Datasheet HTML 2Page - Turck, Inc. PSGS4M-RJ45S-4413-1M Datasheet HTML 3Page - Turck, Inc. PSGS4M-RJ45S-4413-1M Datasheet HTML 4Page - Turck, Inc. PSGS4M-RJ45S-4413-1M Datasheet HTML 5Page - Turck, Inc. PSGS4M-RJ45S-4413-1M Datasheet HTML 6Page - Turck, Inc. PSGS4M-RJ45S-4413-1M Datasheet HTML 7Page - Turck, Inc. PSGS4M-RJ45S-4413-1M Datasheet HTML 8Page - Turck, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Compact Multiprotocol I/O Module for Ethernet
8 Universal Digital Channels, Configurable as PNP Inputs or 2 A Outputs
TBEN-S1-8DXP
2 / 8
Hans Turck GmbH & Co.KG ñ D-45472 Mülheim an der Ruhr ñ Witzlebenstraße 7 ñ Tel. 0208 4952-0 ñ Fax 0208 4952-264 ñ more@turck.com ñ www.turck.com
PROFINET
Version
2.35
Addressing
DCP
Conformance class
B (RT)
MinCycleTime
1 ms
Fast Start-Up (FSU)
< 500 ms
Diagnostics
acc. to PROFINET alarm handling
Topology detection
supported
Automatic addressing
supported
Media Redundancy Protocol (MRP)
supported
System redundancy
S2
Netload class
3
Digital inputs
Number of channels
8
Connectivity inputs
M8, 3-pin
Input type
PNP
Type of input diagnostics
Group diagnostics
Switching threshold
EN 61131-2 Typ 3, PNP
Low level signal voltage
< 5 V
High level signal voltage
> 11 V
Low level signal current
< 1.5 mA
High level signal current
> 2 mA
Input delay
0.2 ms / 3 ms
Electrical isolation
Galvanically isolated to the fieldbus
Voltage proof up 500 VDC
Digital outputs
Number of channels
8
Connectivity outputs
M8, 3-pin
Output type
PNP
Type of output diagnostics
Channel diagnostics
Output voltage
24 VDC from potential group
Output current per channel
2 A, short-circuit proof
Load type
EN 60947-5-1: DC-13
Short-circuit protection
yes
Electrical isolation
Galvanically isolated to the fieldbus
Voltage proof up 500 VDC
Standard/Directive conformity
Vibration test
Acc. to EN 60068-2-6
Acceleration up to 20 g
Shock test
acc. to EN 60068-2-27
Drop and topple
acc. to EN 60068-2-31/IEC 60068-2-32
Electromagnetic compatibility
Acc. to EN 61131-2
Approvals and certificates
CE,
FCC,
UV-resistant in accordance with DIN EN ISO
4892-2A (2013)
UL Certificate
cULus LISTED 21 W2, Encl.Type 1 IND.CONT.EQ.
Note on ATEX/IECEx
The Quick Start Guide with information on use in Ex
Zones 2 and 22 must be observed.
General Information
Dimensions (W x L x H)
32 x 144 x 32 mm
Ambient temperature
-40…+70 °C
Storage temperature
-40…+85 °C
Altitude
Max. 5000 m
Protection class
IP65
IP67
IP69K
MTTF
248 years acc. to SN 29500 (Ed. 99) 20 °C
Housing material
PA6-GF30
Housing color
Black
Male connector material
Nickel-plated brass
Material label
Polycarbonate
Halogen-free
yes
Mounting
2 mounting holes ￿ 4.6 mm



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com