Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLMS310 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # TLMS310
Description  SMD LED in P-LCC-2 Package
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLMS310 Datasheet(HTML) 2 Page - Vishay Siliconix

  TLMS310 Datasheet HTML 1Page - Vishay Siliconix TLMS310 Datasheet HTML 2Page - Vishay Siliconix TLMS310 Datasheet HTML 3Page - Vishay Siliconix TLMS310 Datasheet HTML 4Page - Vishay Siliconix TLMS310 Datasheet HTML 5Page - Vishay Siliconix TLMS310 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TLMS310.
Vishay Semiconductors
www.vishay.com
2 (6)
Rev. A1, 04–Jul–02
Document Number 83170
Absolute Maximum Ratings
Tamb = 25°C, unless otherwise specified
TLMS310., , , ,
Parameter
Test Conditions
Symbol
Value
Unit
Reverse voltage
VR
6
V
DC forward current
Tamb  60°C
IF
30
mA
Surge forward current
tp  10 µs
IFSM
0.5
A
Power dissipation
Tamb  60°C
PV
100
mW
Junction temperature
Tj
100
°C
Operating temperature range
Tamb
–40 to +100
°C
Storage temperature range
Tstg
–40 to +100
°C
Soldering temperature
t
 5 s
Tsd
260
°C
Thermal resistance junction/ambient
mounted on PC board
(pad size > 16 mm2)
RthJA
400
K/W
Optical and Electrical Characteristics
Tamb = 25°C, unless otherwise specified
Super red (TLMS310.)
Parameter
Test Conditions
Type
Symbol
Min.
Typ.
Max.
Unit
Luminous intensity 1)
IF = 10 mA
TLMS3100
IV
2.5
7.5
y
IF = 10 mA
TLMS3101
IV
4
12.5
mcd
Dominant wavelength
IF = 10 mA
λd
624
636
nm
Peak wavelength
IF = 10 mA
λp
640
nm
Angle of half intensity
IF = 10 mA
ϕ
±60
deg
Forward voltage
IF = 20 mA
VF
2.0
2.6
V
Reverse voltage
IR = 10 µA
VR
6
V
Junction capacitance
VR = 0, f = 1MHz
Cj
7.0
pF
Temperature coefficient of VF
IF = 20 mA
TCVF
–1.8
mV/K
Temperature coefficient of
λd
IF = 10 mA
TCλd
0.05
nm/K
1) in one Packing Unit IVMin./ IVMax. x 1.6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com