Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

167607 Datasheet(PDF) 33 Page - Eaton All Rights Reserved.

Part # 167607
Description  Surge Protection
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

167607 Datasheet(HTML) 33 Page - Eaton All Rights Reserved.

Back Button 167607 Datasheet HTML 28Page - Eaton All Rights Reserved. 167607 Datasheet HTML 29Page - Eaton All Rights Reserved. 167607 Datasheet HTML 30Page - Eaton All Rights Reserved. 167607 Datasheet HTML 31Page - Eaton All Rights Reserved. 167607 Datasheet HTML 32Page - Eaton All Rights Reserved. 167607 Datasheet HTML 33Page - Eaton All Rights Reserved. 167607 Datasheet HTML 34Page - Eaton All Rights Reserved. 167607 Datasheet HTML 35Page - Eaton All Rights Reserved. 167607 Datasheet HTML 36Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 33 / 36 page
background image
32
Surge Protection
Busbars Z-GV-U/
Models
• Busbars Z-GV-U/ permit to implement customary SPD combinations
• Suitable for SPI-..., SPB-D-125
• The rated cross-section of Z-GV-U/ is 16 mm2
• The busbars must be cut to length in some cases
Marking Label SPI-BZS-L/N/PE
• Can be affixed to SPI-..., SPB-D-125
• Size 7 x 17mm
• Colour: white
Technical Data
Electrical
Rated voltage
230/400 V, 50/60 Hz
Rated current
63 A
Mechanical
Busbar cross section
16 mm2 Cu
Busbars ZV-KSBI
Models
• Busbars ZV-KSBI permit to implement customary SPD combinations
• Suitable for SPB-..., SPC-..., Z-D63
• The rated cross-section of ZV-KSBI is 16 mm2
• The busbars must be cut to length in some cases
Technical Data
Electrical
Rated voltage
230/400 V, 50/60 Hz
Rated current
63 A
Mechanical
Busbar cross section
16 mm2 Cu



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com