Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMF8821 Datasheet(PDF) 22 Page - OSRAM GmbH

Part # TMF8821
Description  EVM User Guide
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMF8821 Datasheet(HTML) 22 Page - OSRAM GmbH

Back Button TMF8821 Datasheet HTML 18Page - OSRAM GmbH TMF8821 Datasheet HTML 19Page - OSRAM GmbH TMF8821 Datasheet HTML 20Page - OSRAM GmbH TMF8821 Datasheet HTML 21Page - OSRAM GmbH TMF8821 Datasheet HTML 22Page - OSRAM GmbH TMF8821 Datasheet HTML 23Page - OSRAM GmbH TMF8821 Datasheet HTML 24Page - OSRAM GmbH TMF8821 Datasheet HTML 25Page - OSRAM GmbH TMF8821 Datasheet HTML 26Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 37 page
background image
Document Feedback
TMF882X
Using the EVM Software
Demo Kit Manual
• PUBLIC
UG000495
• v6-00 • 2022-May-19
36
│ 21
3.3
EVM GUI "3D" Tab
Figure 18:
3D Tab
This graph shows the detected objects in all the zones (pixels) in the field of view of the sensor. As
you can see in the screenshot, the sensor detects up to two objects in each zone. Each object is
shown as a plate above the base plane. If the calculated detection confidence is high, the object plate
is fully colored. If the confidence is low, the plate becomes transparent.
In the example screenshot, the sensor sees a close target at around 20 cm in all zones. In addition, it
detects the ceiling above the test setup at around 250 cm. The ceiling does not reflect much light. The
confidence values for detecting the ceiling are low because of that.
You can freely rotate and zoom this graph with your mouse:
●
Click and hold the right mouse button
●
Now move the mouse around and observe how the graph is rotated
●
Use the mouse scroll well to zoom in and out



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com