Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLMS310. Datasheet(PDF) 1 Page - Vishay Siliconix

Part # TLMS310.
Description  SMD LED in P-LCC-2 Package
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLMS310. Datasheet(HTML) 1 Page - Vishay Siliconix

  TLMS310. Datasheet HTML 1Page - Vishay Siliconix TLMS310. Datasheet HTML 2Page - Vishay Siliconix TLMS310. Datasheet HTML 3Page - Vishay Siliconix TLMS310. Datasheet HTML 4Page - Vishay Siliconix TLMS310. Datasheet HTML 5Page - Vishay Siliconix TLMS310. Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TLMS310.
Vishay Semiconductors
1 (6)
www.vishay.com
Document Number 83170
Rev. A2, 04–Jul–02
SMD LED in P–LCC–2 Package
Color
Type
Technology
Angle of Half Intensity
±ö
Super red
TLMS310.
GaAsP on GaP
60
°
Description
These devices have been designed to meet the
increasing demand for surface mounting technology.
The package of the TLMS310. is the P–LCC–2
(equivalent to a size B tantalum capacitor).
It consists of a lead frame which is embedded in a
white thermoplast. The reflector inside this package is
filled up with clear epoxy.
Features
D SMD LEDs with exceptional brightness
D Luminous intensity categorized
D Compatible with automatic placement equipment
D EIA and ICE standard package
D Compatible with infrared, vapor phase and wave
solder processes according to CECC
D Available in 8 mm tape
D Low profile package
D Non-diffused lens: excellent for coupling to light
pipes and backlighting
D Low power consumption
D Luminous intensity ratio in one packaging unit
IVmax/IVmin x 2.0, optional x 1.6
Applications
D Automotive:
backlighting in dashboards and switches
D Telecommunication: indicator and backlighting in
telephone and fax
D Indicator and backlight for audio and video
equipment
D Indicator and backlight in office equipment
D Flat backlight for LCDs, switches and symbols
D General use
94 8553


Similar Part No. - TLMS310.

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLMS310 VISHAY-TLMS310 Datasheet
163Kb / 6P
SMD LED in PLCC-2 Package
31-Aug-04
TLMS310 VISHAY-TLMS310 Datasheet
108Kb / 6P
Standard SMD LED PLCC-2
24-Sep-07
TLMS3100 VISHAY-TLMS3100 Datasheet
163Kb / 6P
SMD LED in PLCC-2 Package
31-Aug-04
TLMS3101 VISHAY-TLMS3101 Datasheet
163Kb / 6P
SMD LED in PLCC-2 Package
31-Aug-04
TLMS310 VISHAY-TLMS310_04 Datasheet
163Kb / 6P
SMD LED in PLCC-2 Package
31-Aug-04
More results

Similar Description - TLMS310.

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLMB310 VISHAY-TLMB310 Datasheet
78Kb / 6P
SMD LED in P-LCC-2 Package
13-Jul-99
TLMG3101 VISHAY-TLMG3101 Datasheet
80Kb / 6P
SMD LED in P-LCC-2 Package
04-Feb-99
TLMG3105 VISHAY-TLMG3105 Datasheet
80Kb / 6P
SMD LED in P-LCC-2 Package
04-Feb-99
TLMH3100 VISHAY-TLMH3100 Datasheet
121Kb / 12P
SMD LED in P-LCC-2 Package
04-Feb-99
TLMH3101 VISHAY-TLMH3101 Datasheet
80Kb / 6P
SMD LED in P-LCC-2 Package
04-Feb-99
TLMH3102 VISHAY-TLMH3102 Datasheet
80Kb / 6P
SMD LED in P-LCC-2 Package
04-Feb-99
TLMO3101 VISHAY-TLMO3101 Datasheet
80Kb / 6P
SMD LED in P-LCC-2 Package
04-Feb-99
TLMP3102 VISHAY-TLMP3102 Datasheet
80Kb / 6P
SMD LED in P-LCC-2 Package
04-Feb-99
TLMY3101 VISHAY-TLMY3101 Datasheet
80Kb / 6P
SMD LED in P-LCC-2 Package
04-Feb-99
TLMY3102 VISHAY-TLMY3102 Datasheet
80Kb / 6P
SMD LED in P-LCC-2 Package
04-Feb-99
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com