Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F091RCT6 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STM32F091RCT6
Description  STM32 Nucleo-64 boards
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F091RCT6 Datasheet(HTML) 2 Page - STMicroelectronics

  STM32F091RCT6 Datasheet HTML 1Page - STMicroelectronics STM32F091RCT6 Datasheet HTML 2Page - STMicroelectronics STM32F091RCT6 Datasheet HTML 3Page - STMicroelectronics STM32F091RCT6 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Ordering information
NUCLEO-XXXXRX
2/4
DocID025838 Rev 7
1
Ordering information
Table 2 lists the order codes and the respective targeted MCU.
The meaning of NUCLEO-TXXXRY codification is as follows:
TXXX describes the STM32 MCU product line
R describes the pin count (R for 64 pins)
Y describes the code size (8 for 64K, B for 128K, C for 256K, E for 512K, G for 1MB, Z
for 192K)
The order code is printed on a sticker placed at the top or bottom side of the board.
Table 2. Ordering information
Order code
Targeted MCU
NUCLEO-F030R8
STM32F030R8T6
NUCLEO-F070RB
STM32F070RBT6
NUCLEO-F072RB
STM32F072RBT6
NUCLEO-F091RC
STM32F091RCT6
NUCLEO-F103RB
STM32F103RBT6
NUCLEO-F302R8
STM32F302R8T6
NUCLEO-F303RE
STM32F303RET6
NUCLEO-F334R8
STM32F334R8T6
NUCLEO-F401RE
STM32F401RET6
NUCLEO-F410RB
STM32F410RBT6
NUCLEO-F411RE
STM32F411RET6
NUCLEO-F446RE
STM32F446RET6
NUCLEO-L053R8
STM32L053R8T6
NUCLEO-L073RZ
STM32L073RZT6
NUCLEO-L152RE
STM32L152RET6
NUCLEO-L476RG
STM32L476RGT6



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com