Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSB310 Datasheet(PDF) 1 Page - Nanjing International Group Co

Part # MSB310
Description  MSB Plastic-Encapsulate Bridge Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

MSB310 Datasheet(HTML) 1 Page - Nanjing International Group Co

  MSB310 Datasheet HTML 1Page - Nanjing International Group Co MSB310 Datasheet HTML 2Page - Nanjing International Group Co MSB310 Datasheet HTML 3Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
41
5000
MSB
●IF(AV)
1000V
●High surge current capability
Applications
Marking
VRRM
Bridge Rectifier
Featur
es
Glass passivated chip
rpose 1 phase Bridge
rectifier applications
General pu
Item
Symbol Unit
Conditions
Repetitive Peak Reverse Voltage
VRRM
V
1000
Average Rectified Output Current
IO
A
60Hz sine wave,
R-load,Ta=100℃
On alumina substrate
Surge(Non-repetitive)Forward
Current
IFSM
A
sine wave, 1 cycle, Tj=25℃
Current Squared Time
I2t
A2S 1ms≤t<8.3ms Tj=25℃,Rating of per diode
Operation Junction and
Storage Temperature Range
TJ,Tstg
-55 ~+150
V
700
VRMS
Maximum RMS Voltage
8.3ms
Item
Symbol Unit
Test Condition
Maximum Peak Forward Voltage
VFM
V
IFM= .0A, Pulse measurement, Rating of per diode
Maximum Peak Reverse Current
IRRM1
μ
A VRM=VRRM , Pulse measurement,
Rating of per diode
5.0
RθJ-A
Between junction and ambient, On alumina substrate
55
Thermal Resistance
RθJ-L
/W
Between junction and lead
15
Electrical Characteristics (T=25℃ Unless otherwise specified)
RθJ-C
Between junction and case
10
Maximum DC Blocking Voltage
VDC
V
Max
500
Plastic-Encapsulate Bridge Rectifier
IRRM2
μ
A
TA=25℃
TA=125℃
1000
Measured with IF=0.5A,IR=1A,IRR=0.25A
TRR
ns
Maximum Reverse Recovery Time
(3)
(2)
(1)
(4)
(1)
(2)
(3)
(4)
MSB310
3A
MSB310
MSB
MSB310
3.0
0.98
90
DONGGUAN NANJING ELECTRONICS LTD.,
Dongguan Nanjing Electronics Ltd.
www.dgnjdz.com
1/3
3


Similar Part No. - MSB310

ManufacturerPart #DatasheetDescription
logo
Shanghai Shunye Electro...
MSB310 SHUNYE-MSB310 Datasheet
237Kb / 2P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIERS VOLTAGE RANGE: 50 --- 1000 V CURRENT : 3.0 A
logo
SeCoS Halbleitertechnol...
MSB310S SECOS-MSB310S Datasheet
253Kb / 2P
3.0 Amp Surface Mount Bridge Rectifiers
MSB310S-C SECOS-MSB310S-C Datasheet
253Kb / 2P
3.0 Amp Surface Mount Bridge Rectifiers
More results

Similar Description - MSB310

ManufacturerPart #DatasheetDescription
logo
GUANGDONG HOTTECH INDUS...
MB05M HOTTECH-MB05M Datasheet
269Kb / 2P
Plastic-Encapsulate Bridge Rectifier
logo
Jiangsu High diode Semi...
DB101S HDSEMI-DB101S Datasheet
1Mb / 3P
DBS Plastic-Encapsulate Bridge Rectifier
DB151 HDSEMI-DB151 Datasheet
1Mb / 3P
DB Plastic-Encapsulate Bridge Rectifier
DB201 HDSEMI-DB201 Datasheet
1Mb / 3P
DB Plastic-Encapsulate Bridge Rectifier
DBF2005 HDSEMI-DBF2005 Datasheet
1Mb / 3P
DBF Plastic-Encapsulate Bridge Rectifier
KBU6005 HDSEMI-KBU6005 Datasheet
1Mb / 3P
KBU Plastic-Encapsulate Bridge Rectifier
KBU8005 HDSEMI-KBU8005 Datasheet
1Mb / 3P
KBU Plastic-Encapsulate Bridge Rectifier
KBU10005 HDSEMI-KBU10005 Datasheet
1Mb / 3P
KBU Plastic-Encapsulate Bridge Rectifier
logo
Nanjing International G...
MSB410 DGNJDZ-MSB410 Datasheet
1Mb / 3P
MSB Plastic-Encapsulate Bridge Rectifier
MSB610 DGNJDZ-MSB610 Datasheet
1Mb / 3P
MSB Plastic-Encapsulate Bridge Rectifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com