Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TRD695SCR-R-30 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # TRD695SCR-R-30
Description  PLUG HOUSING: POLYCARBONATE, CLEAR, UL94V-0
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

TRD695SCR-R-30 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  TRD695SCR-R-30 Datasheet HTML 1Page - List of Unclassifed Manufacturers TRD695SCR-R-30 Datasheet HTML 2Page - List of Unclassifed Manufacturers TRD695SCR-R-30 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
LENGTH
2X SNAGLESS BOOT
2X RJ45 SHIELDED PLUG (8X8)
POSITION 1
POSITION 1
"P1"
"P2"
NOTES:
MATERIAL:
PLUG HOUSING: POLYCARBONATE, CLEAR, UL94V-0
CONTACTS: PHOSPHOR BRONZE
CABLE JACKET: PVC, COLOR: SEE CHART
PLUG SHIELDING: BRASS
SNAGLESS BOOT: LSZH, BLACK
FINISH:
CONTACTS: 50 µINCHES GOLD IN CONTACT AREA
OVER 100 µINCHES NICKEL PLATE OVERALL
PLUG SHIELDING: NICKEL PLATED
CABLE CHARACTERISTICS:
SHIELDED, FOUR TWISTED PAIR, CAT 6 MODULAR CABLE
CONDUCTORS: 26 AWG (7/34) STRANDED COPPER, 100Ω NOMINAL IMPEDANCE
SHIELDING: ALUMINUM/POLYESTER (100% SHIELD COVERAGE)
MISCELLANEOUS:
DRAIN WIRE TIED TO CONNECTOR SHELLS.
PLUG CONFORMS TO TIA-1096.
OPERATING TEMPERATURE RANGE: -20°C TO +60°C.
CABLE ASSEMBLY SHALL BE TESTED FOR CONTINUITY.
CABLE ASSEMBLY SHALL BE INDIVIDUALLY PACKAGED IN ACCORDANCE
WITH L-COM SPECIFICATION PS-0031.
RoHS Compliant 
SHIELD
WIRING MAP
P2
P1
7 WHT/BRN
8 BRN
5 WHT/BLU
4 BLU
3 WHT/GRN
6 GRN
1 WHT/ORN
2 ORN
1
2
7
8
5
4
3
6
SHIELD
A
B
C
D
45 BEECHWOOD DRIVE
NORTH ANDOVER, MA
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
7
8
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
8
TRD695SCR
G
TRD695SCR.SLDDRW
1
3
J. KIEZULAS
03/15/2006
REVISIONS
DESCRIPTION
APPROVED
REV
DATE
C. McCORMICK
03/16/2003
5/2/11
G
ECN 5471: ADDED SHEETS 2 & 3 FOR COLORS
D.FRISIELLO
CATEGORY
PRODUCT DESCRIPTION
DIMENSIONS ARE IN INCHES [mm]
CONFIGURATION DETAILS OF
UNDIMENSIONED FEATURES
MAY VARY
NONE
FSCM NO.
43321
CATEGORY 6 SHIELDED PATCH CORD
TELECOM/MODULAR
PROJECTION
UNLESS OTHERWISE SPECIFIED,
REF
D. PARHAM
COLOR VARIATIONS
MAY OCCUR
03/15/2006
OVERALL CABLE LENGTH TOLERANCE:
≤12 [305] = +1 [25] / -0
>12 [305] ≤60 [1524] = +2 [51] / -0
>60 [1524] ≤120 [3048] = +4 [102] / -0
>120 [3048] ≤300 [7620] = +6 [152] / -0
>300 [7620] = +5% / -0%
ALL OTHER DIMENSIONAL TOLERANCES:
.X = ± .2
.XX = ± .02
.XXX = ±.005


Similar Part No. - TRD695SCR-R-30

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
TRD695SF L-COM-TRD695SF Datasheet
252Kb / 2P
CA, CAT6 S/FTP RJ45/RJ45 PVC JKT
12/07/2020
TRD695SFBLK-05F L-COM-TRD695SFBLK-05F Datasheet
252Kb / 2P
CA, CAT6 S/FTP RJ45/RJ45 PVC JKT
12/07/2020
TRD695SFBLK-100F L-COM-TRD695SFBLK-100F Datasheet
252Kb / 2P
CA, CAT6 S/FTP RJ45/RJ45 PVC JKT
12/07/2020
TRD695SFBLK-10F L-COM-TRD695SFBLK-10F Datasheet
252Kb / 2P
CA, CAT6 S/FTP RJ45/RJ45 PVC JKT
12/07/2020
TRD695SFBLK-15F L-COM-TRD695SFBLK-15F Datasheet
252Kb / 2P
CA, CAT6 S/FTP RJ45/RJ45 PVC JKT
12/07/2020
More results

Similar Description - TRD695SCR-R-30

ManufacturerPart #DatasheetDescription
logo
Bud Industries, Inc.
DMB-4770 BUD-DMB-4770 Datasheet
85Kb / 2P
Durable UL94V-??0 rated ABS/PC blend plastic housing
logo
Molex Electronics Ltd.
130112-0169 MOLEX11-130112-0169 Datasheet
37Kb / 1P
Clear Polycarbonate Guard
130112-0172 MOLEX11-130112-0172 Datasheet
30Kb / 1P
Clear Polycarbonate Guard with Bottom Cover
130112-0173 MOLEX11-130112-0173 Datasheet
29Kb / 1P
Clear Polycarbonate Guard
1301120169 MOLEX11-1301120169 Datasheet
30Kb / 1P
Clear Polycarbonate Guard, Small Neck
1301120173 MOLEX11-1301120173 Datasheet
29Kb / 1P
Clear Polycarbonate Guard
logo
List of Unclassifed Man...
SRH-1RUMB ETC2-SRH-1RUMB Datasheet
60Kb / 1P
MATERIALS: HANDLE, UL94V-0, POLYCARBONATE AND ABS / BRASS INSERT
logo
Mechatronics, Inc.
MI4-EC12-DF MECHATRONICS-MI4-EC12-DF Datasheet
585Kb / 1P
UL94V-0 plastic impeller
MI6-EC12-DF MECHATRONICS-MI6-EC12-DF Datasheet
584Kb / 1P
UL94V-0 plastic impeller
MI8-EC12-DF MECHATRONICS-MI8-EC12-DF Datasheet
583Kb / 1P
UL94V-0 plastic impeller
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com