Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VNQ600AP Datasheet(PDF) 5 Page - STMicroelectronics

Part # VNQ600AP
Description  QUAD CHANNEL HIGH SIDE SOLID STATE RELAY
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNQ600AP Datasheet(HTML) 5 Page - STMicroelectronics

  VNQ600AP Datasheet HTML 1Page - STMicroelectronics VNQ600AP Datasheet HTML 2Page - STMicroelectronics VNQ600AP Datasheet HTML 3Page - STMicroelectronics VNQ600AP Datasheet HTML 4Page - STMicroelectronics VNQ600AP Datasheet HTML 5Page - STMicroelectronics VNQ600AP Datasheet HTML 6Page - STMicroelectronics VNQ600AP Datasheet HTML 7Page - STMicroelectronics VNQ600AP Datasheet HTML 8Page - STMicroelectronics VNQ600AP Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
5/18
VNQ600AP
ELECTRICAL CHARACTERISTICS (continued)
SWITCHING (VCC=13V)
CURRENT SENSE (9V < VCC< 16V) (See Fig. 3)
LOGIC INPUT
VCC - OUTPUT DIODE
Note 1: Vclamp and VOV are correlated. Typical difference is 5V.
Note 2: current sense signal delay after positive input slope.
Note: Sense pin doesn’t have to be left floating.
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
tD(on)
Turn-on delay time
RL=2.6Ω channels 1,2,3,4 (see fig. 1)
40
µs
tD(off)
Turn-off delay time
RL=2.6Ω channels 1,2,3,4 (see fig. 1)
40
µs
(dVOUT/dt)on
Turn-on voltage slope
RL=2.6Ω channels 1,2,3,4 (see fig. 1)
0.20
V
/µs
(dVOUT/dt)off
Turn-off voltage slope
RL=2.6Ω channels 1,2,3,4 (see fig. 1)
0.20
V
/µs
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
K1
IOUT/ISENSE
IOUT1,2=0.35A; VSENSE=0.5V;
Tj= -40°C...+150°C
3100
4150
5560
K2
IOUT/ISENSE
IOUT=2A; VSENSE=2.5V; Tj=-40°C
Tj= 25°C...+150°C
3750
4000
4600
4600
5700
5400
K3
IOUT/ISENSE
IOUT=4A; VSENSE=4V; Tj=-40°C
Tj= 25°C...+150°C
4000
4100
4500
4500
5200
5150
VSENSE1,2
Max analog sense output
voltage
VCC=5.5V; IOUT1,2=2A;
RSENSE=10KΩ
VCC>8V; IOUT1,2=4A;
RSENSE=10KΩ
2
4
V
V
VSENSEH
Analog sense output voltage in
overtemperature condition
VCC=13V; RSENSE=3.9KΩ
5V
RVSENSEH
Analog Sense Output
Impedance in
Overtemperature Condition
VCC=13V; Tj>TTSD; All channels
open
400
Ω
tDSENSE
Current sense delay response to 90% ISENSE (see note 2)
500
µs
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
VIL
Low level input voltage
1.25
V
VIH
High level input voltage
3.25
V
VI(hyst)
Input hysteresis voltage
0.5
V
IIL
Low level input current
VIN=1.25V
20
65
µA
IIH
High level input current
VIN=3.25V
75
110
µA
VICL
Input clamp voltage
IIN=1mA
IIN= -1mA
6
6.8
-0.7
8V
V
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
VF
Forward on Voltage
-IOUT=2.5A; Tj=150°C
0.9
V
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com