Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC28F128J3F75 Datasheet(PDF) 13 Page - Numonyx B.V

Part # PC28F128J3F75
Description  Numonyx® Embedded Flash Memory (J3 65nm) Single Bit per Cell (SBC)
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

PC28F128J3F75 Datasheet(HTML) 13 Page - Numonyx B.V

Back Button PC28F128J3F75 Datasheet HTML 9Page - Numonyx B.V PC28F128J3F75 Datasheet HTML 10Page - Numonyx B.V PC28F128J3F75 Datasheet HTML 11Page - Numonyx B.V PC28F128J3F75 Datasheet HTML 12Page - Numonyx B.V PC28F128J3F75 Datasheet HTML 13Page - Numonyx B.V PC28F128J3F75 Datasheet HTML 14Page - Numonyx B.V PC28F128J3F75 Datasheet HTML 15Page - Numonyx B.V PC28F128J3F75 Datasheet HTML 16Page - Numonyx B.V PC28F128J3F75 Datasheet HTML 17Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 67 page
background image
Numonyx® Embedded Flash Memory (J3 65 nm) Single Bit per Cell (SBC)
Datasheet
12
2.2
Memory Map
Figure 2: J3 65 nm SBC Memory Map
Byte-Wide (x 8 ) Mode
128 KB Block
128 KB Block
0
1
-
-
128 KB Block
31
-
128 KB Block
63
-
128 KB Block
127
-
A [23:0]:128 Mbit
A [22:0]: 64Mbit
A [21:0]: 32Mbit
Word-Wide (x16) Mode
64 KW Block
64 KW Block
0
1
-
-
64 KW Block
31
-
64 KW Block
63
-
64 KW Block
127
-
A [23:1]:128 Mbit
A [22:1]: 64Mbit
A [21:1]: 32Mbit
F
0
F
0
F
0
0
E
F
F
F
Fh
h
F
F
F
F
F
7h
0
0
0
0
E
7h
F
F
F
F
F
3h
0
0
0
0
E
3h
F
F
F
F
3
0h
0
0
0
0
2
0h
F
F
F
F
1
0h
0
0
0
0
0
0h
F
0
F
0
F
0
0
F
7
F
F
7h
h
F
F
F
F
F
3h
0
0
0
0
F
3h
F
F
F
F
F
1h
0
0
0
0
F
1h
F
F
F
F
1
0h
0
0
0
0
1
0h
F
F
F
F
0
0h
0
0
0
0
0
0h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com