Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS32 Datasheet(PDF) 16 Page - List of Unclassifed Manufacturers

Part # JS32
Description  Floating Joint
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

JS32 Datasheet(HTML) 16 Page - List of Unclassifed Manufacturers

Back Button JS32 Datasheet HTML 9Page - List of Unclassifed Manufacturers JS32 Datasheet HTML 10Page - List of Unclassifed Manufacturers JS32 Datasheet HTML 11Page - List of Unclassifed Manufacturers JS32 Datasheet HTML 12Page - List of Unclassifed Manufacturers JS32 Datasheet HTML 13Page - List of Unclassifed Manufacturers JS32 Datasheet HTML 14Page - List of Unclassifed Manufacturers JS32 Datasheet HTML 15Page - List of Unclassifed Manufacturers JS32 Datasheet HTML 16Page - List of Unclassifed Manufacturers JS32 Datasheet HTML 17Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
H
B
C
E
G
P
A
R
M
M
F
H
F
B
E
G
P
A
M
M
R
JS10, 16
JS20, 32, 40, 63
JS10-4-070
JS16-5-080
M
M4 x 0.7
M5 x 0.8
A
4.7
5.8
Model
JS20-8-125
JS32-10-125
M8 x 1.25
M10 x 1.25
7.3
8.5
JS40-14-150
JS63-18-150
M14 x 1.5
M18 x 1.5
11.6
14.3
B
C
9.5
13.5
—
—
—
—
D
12
16
21
24
31
41
E
F
4
6
7
8
11
14
G
H
7
10
13
17
22
27
J
80
210
1100
2500
6000
11000
0.01
0.02
0.05
0.08
0.16
0.31
(mm)
Center of sphere
∗ Use the precision spanner for clock 4 mm in the case of mounting
male thread of JS10.
Center of sphere
Max. thread
depth
P
Center of
sphere
R
Allowable
eccentricity
U
Max. operating tension
and compression
force (N)
Weight (kg)
JS Series
Dimensions
26
34.5
43.9
49.5
60
74.5
1.5
2
4.5
5
5
7
4
5
7
8
11
13.5
14.4
19
24.8
29
38.4
49.2
17
23
29.9
33.5
38
47.5
0.5
0.5
0.5
0.5
0.75
1
8.5
12
15.5
17.5
18.5
23
1158



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com