Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C1F005JES Datasheet(PDF) 4 Page - Hammond Manufacturing Ltd.

Part # C1F005JES
Description  Encapsulated Transformers for Commercial Applications
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

C1F005JES Datasheet(HTML) 4 Page - Hammond Manufacturing Ltd.

  C1F005JES Datasheet HTML 1Page - Hammond Manufacturing Ltd. C1F005JES Datasheet HTML 2Page - Hammond Manufacturing Ltd. C1F005JES Datasheet HTML 3Page - Hammond Manufacturing Ltd. C1F005JES Datasheet HTML 4Page - Hammond Manufacturing Ltd. C1F005JES Datasheet HTML 5Page - Hammond Manufacturing Ltd. C1F005JES Datasheet HTML 6Page - Hammond Manufacturing Ltd. C1F005JES Datasheet HTML 7Page - Hammond Manufacturing Ltd. C1F005JES Datasheet HTML 8Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
347/380V Primary
120/240V Secondary
50/60 Hz
*Primary = 190/200/208/220/2401 X 380/400/416/440/4801
600V Primary
120/240V Secondary
60 Hz
Note1: The primary voltage ratio of 240V and 480V is
available at 60 Hz only with a secondary voltage of
approximately 130/260V
Export* Primary
120/240V Secondary
50/60 Hz
kVA
Rating
Catalog
Number
Case
Style
Approx.
Weight
0.05
C1FC05PE
NQ0
7
0.10
C1FC10PE
NQ0
7
0.15
C1FC15PE
NQ0
8
0.25
C1FC25PE
NQ0
9
0.35
C1FC35PE
NQ1
15
0.50
C1FC50PE
NQ1
16
0.75
C1FC75PES
NQ2
23
1
C1F1C0PES
NQ3
24
1.5
C1F1C5PES
NQ3
33
2
C1F002PES
NQ4
42
3
C1F003PES
NQ4
55
5
C1F005PES
NQ5
96
7.5
C1F007PES
NQ6A
148
10
C1F010PES
NQ6
179
15
C1F015PES
NQ7
265
25
C1F025PES
NQ8
385
37.5
C1F037PES
NQS10
598
kVA
Rating
Catalog
Number
Case
Style
Approx.
Weight
0.05
C1FC05JE
NQ0
7
0.10
C1FC10JE
NQ0
7
0.15
C1FC15JE
NQ0
8
0.25
C1FC25JE
NQ0
9
0.35
C1FC35JE
NQ1
14
0.50
C1FC50JE
NQ1
14
0.75
C1FC75JES
NQ2
23
1
C1F1C0JES
NQ3
32
1.5
C1F1C5JES
NQ3
35
2
C1F002JES
NQ4
51
3
C1F003JES
NQ5
89
5
C1F005JES
NQ5
106
7.5
C1F007JES
NQ6A
162
10
C1F010JES
NQ6
194
kVA
Rating
Catalog
Number
Case
Style
Approx.
Weight
0.05
C1FC05XE
NQ0
7
0.10
C1FC10XE
NQ0
7
0.15
C1FC15XE
NQ0
9
0.25
C1FC25XE
NQ0
10
0.35
C1FC35XE
NQ1
15
0.50
C1FC50XE
NQ1
16
0.75
C1FC75XES
NQ2
24
1
C1F1C0XES
NQ3
32
1.5
C1F1C5XES
NQ4
37
2
C1F002XES
NQ4
52
3
C1F003XES
NQ5
89
5
C1F005XES
NQ5
96
7.5
C1F007XES
NQ6A
148
10
C1F010XES
NQ6
179
SINGLE PHASE SPECIFICATIONS
120 x 240V Primary
120/240V Secondary
60 Hz
208 x 416V Primary
120/240V Secondary
60 Hz
277/480V Primary
208/277V Secondary
50/60 Hz
240 x 480V Primary
120/240V Secondary
60 Hz
120/208/240/277V Primary
120/240V Secondary
60 Hz
277V Primary
120/240V Secondary
50/60 Hz
kVA
Rating
Catalog
Number
Case
Style
Approx.
Weight
0.05
C1FC05EE
NQ0
7
0.10
C1FC10EE
NQ0
7
0.15
C1FC15EE
NQ0
8
0.25
C1FC25EE
NQ0
9
0.35
C1FC35EE
NQ1
15
0.50
C1FC50EE
NQ1
16
0.75
C1FC75EES
NQ2
23
1
C1F1C0EES
NQ3
24
1.5
C1F1C5EES
NQ3
33
2
C1F002EES
NQ4
42
3
C1F003EES
NQ4
55
5
C1F005EES
NQ5
96
7.5
C1F007EES
NQ6A
148
10
C1F010EES
NQ6
178
kVA
Rating
Catalog
Number
Case
Style
Approx.
Weight
0.05
C1FC05WE
NQ0
7
0.10
C1FC10WE
NQ0
7
0.15
C1FC15WE
NQ0
8
0.25
C1FC25WE
NQ1
10
0.35
C1FC35WE
NQ2
17
0.50
C1FC50WE
NQ2
25
0.75
C1FC75WES
NQ2
23
1
C1F1C0WES
NQ3
24
1.5
C1F1C5WES
NQ3
37
2
C1F002WES
NQ4
52
3
C1F003WES
NQ5
65
5
C1F005WES
NQ5
108
7.5
C1F007WES
NQ6
171
10
C1F010WES
NQ6
183
kVA
Rating
Catalog
Number
Case
Style
Approx.
Weight
0.05
C1FC05GE
NQ0
7
0.10
C1FC10GE
NQ0
7
0.15
C1FC15GE
NQ0
8
0.25
C1FC25GE
NQ0
9
0.35
C1FC35GE
NQ1
15
0.50
C1FC50GE
NQ1
16
0.75
C1FC75GES
NQ2
23
1
C1F1C0GES
NQ3
24
1.5
C1F1C5GES
NQ3
33
2
C1F002GES
NQ4
42
3
C1F003GES
NQ4
55
5
C1F005GES
NQ5
96
7.5
C1F007GES
NQ6A
148
10
C1F010GES
NQ6
178
kVA
Rating
Catalog
Number
Case
Style
Approx.
Weight
0.05
C1FC05LE
NQ0
7
0.10
C1FC10LE
NQ0
7
0.15
C1FC15LE
NQ0
8
0.25
C1FC25LE
NQ0
9
0.35
C1FC35LE
NQ1
15
0.50
C1FC50LE
NQ1
15
0.75
C1FC75LES
NQ2
23
1
C1F1C0LES
NQ3
24
1.5
C1F1C5LES
NQ3
33
2
C1F002LES
NQ4
42
3
C1F003LES
NQ4
55
5
C1F005LES
NQ5
96
7.5
C1F007LES
NQ6A
148
10
C1F010LES
NQ6
179
15
C1F015LES
NQ7
265
25
C1F025LES
NQ8
385
37.5
C1F037LES
NQS10
598
kVA
Rating
Catalog
Number
Case
Style
Approx.
Weight
0.05
C1FC05CE
NQ0
7
0.10
C1FC10CE
NQ0
7
0.15
C1FC15CE
NQ0
8
0.25
C1FC25CE
NQ0
9
0.35
C1FC35CE
NQ1
15
0.50
C1FC50CE
NQ2
15
0.75
C1FC75CES
NQ2
23
1
C1F1C0CES
NQ3
24
1.5
C1F1C5CES
NQ3
33
2
C1F002CES
NQ4
42
3
C1F003CES
NQ4
55
5
C1F005CES
NQ5
96
7.5
C1F007CES
NQ6A
148
10
C1F010CES
NQ6
178
kVA
Rating
Catalog
Number
Case
Style
Approx.
Weight
0.05
C1FC05HR
NQ0
7
0.10
C1FC10HR
NQ0
8
0.15
C1FC15HR
NQ0
11
0.25
C1FC25HR
NQ1
12
0.35
C1FC35HR
NQ2
15
0.50
C1FC50HR
NQ2
18
0.75
C1FC75HRS
NQ3
25
1
C1F1C0HRS
NQ3
31
1.5
C1F1C5HRS
NQ4
39
2
C1F002HRS
NQ4
54
3
C1F003HRS
NQ5
80
5
C1F005HRS
NQ6
156
7.5
C1F007HRS
NQ6
188
10
C1F010HRS
NQ6
179



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com